전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR63V-04 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 BAR63V-04
상세설명  RF PIN Diodes - Dual, Series in SOT-23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAR63V-04 데이터시트(HTML) 3 Page - Vishay Siliconix

  BAR63V-04 Datasheet HTML 1Page - Vishay Siliconix BAR63V-04 Datasheet HTML 2Page - Vishay Siliconix BAR63V-04 Datasheet HTML 3Page - Vishay Siliconix BAR63V-04 Datasheet HTML 4Page - Vishay Siliconix BAR63V-04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAR63V-04
Document Number 85691
Rev. 1.3, 15-Apr-05
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Figure 5. Typical Charge Recovery Curve
-8
-6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
200
18337
Recovery Time ( ns )
IF =10mA
IR =6mA
irr =3mA
2.0 (0.079)
0.9 (0.035)
0.95 (0.037)
0.95 (0.037)
0.52 (0.020)
1
2
3
17418
2.8 (.110)
3.1 (.122)
0.4 (.016)
0.95 (.037)
0.95 (.037)
0.1 (.004) max.
0.4 (.016)
0.4 (.016)
0.098 (.005)
0.175 (.007)
2.35 (.092)
2.6 (.102)
ISO Method E
Mounting Pad Layout


유사한 부품 번호 - BAR63V-04

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR63V-04W-GS08 VISHAY-BAR63V-04W-GS08 Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR63V-04W-GS18 VISHAY-BAR63V-04W-GS18 Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
More results

유사한 설명 - BAR63V-04

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAR64V-04 VISHAY-BAR64V-04 Datasheet
116Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.2, 26-Apr-04
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
BAR64V-05 VISHAY-BAR64V-05 Datasheet
100Kb / 4P
   RF PIN Diodes - Dual, Common Cathode in SOT-23
Rev. 1.2, 26-Apr-04
S392D VISHAY-S392D_05 Datasheet
100Kb / 4P
   RF PIN Diode - Dual in SOT-23
Rev. 1.5, 29-Apr-05
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR63V-03 VISHAY-BAR63V-03 Datasheet
117Kb / 5P
   RF PIN Diode - Single in SOT-23
Rev. 1.4, 15-Apr-05
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
BAR64-05W VISHAY-BAR64-05W Datasheet
110Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
01-Jan-2022
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com