전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA2028 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TEA2028
상세설명  APPLICATION NOTE
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button TEA2028 Datasheet HTML 4Page - STMicroelectronics TEA2028 Datasheet HTML 5Page - STMicroelectronics TEA2028 Datasheet HTML 6Page - STMicroelectronics TEA2028 Datasheet HTML 7Page - STMicroelectronics TEA2028 Datasheet HTML 8Page - STMicroelectronics TEA2028 Datasheet HTML 9Page - STMicroelectronics TEA2028 Datasheet HTML 10Page - STMicroelectronics TEA2028 Datasheet HTML 11Page - STMicroelectronics TEA2028 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
- In practice, at low amplitude video signals, it is
recommended to insert a low-pass filter before
the ”C27” capacitor so as to attenuate the chromi-
nance sub-carrier and the noise components.
The aim is to reduce the phase variations of the
detected sync pulse and thus enhance the hori-
zontal scanning stability.
27
220nF
1k
CC
V
+
Chroma
Burst
Figure 8
V.2.2 - Memorizing the sync pulse 50% value
The objective is to memorize the voltage corre-
sponding to 50% of the line sync pulse VS1 by using
an external capacitor connected to Pin 26 (see
Figure 9).
The overall arrangement comprises two compara-
tors.
- Comparator C2 : delivers an output voltage ”V1”
by comparing VS1 +VD,V26 and the voltage drop
across two resistors.
- Comparator C3 : which delivers a constant output
current thereby maintaining on capacitor ”C26”,
the voltage V50% corresponding to 50% of peak
to peak sync pulse.
During the line scanning, diode ”D” is reverse bi-
ased : VS1 +VD =V1 <V26 and C3 will deliver a
current ID which will discharge the capacitor.
During sync pulse interval, VS1 +VD =VP +VD,
diode ”D” begins conducting and thus :
V1 =(VP +VD)- (2 R i1). Since the capacitor has
been slightly discharged
⇒ V1 >V26, comparator
C3 begins charging the capacitor until C2 is
brought to equilibrium.
At this time, I1 =
i
2
where i =
V26 − VD − VN
R
thus V1 =VP +VD =2
i
2
=VP +VN +2 VD -V26
and V1 =V26
⇔ V26 =
VP
+ VN
2
+VD =V50%
A high value C26 capacitor will thus memorize the
voltage level correspondingto 50% of the line sync.
pulse.
V.2.2.1 -
IC
ID
Ratio calculation
During the line scanning period (TH -TS), the
capacitor C26 will loose a charge equivalent to :
ID (TH -TS).
This energy must be recovered before the end of
sync pulse such that : IC
⋅ tS >ID (TH -TS)
therefore
IC
ID
>
TH tS
tS
IC
ID
> 12.6
In practice, for C26 = 100nF, ID =25
µAand
IC = 800
µA.
i
R
VN
CC
V
+
V50%
IC
ID
V1
V
+
V
S1
D
i 1
C2
2R
xK
CC
V
+
26
C26
t
V
+
V
S1
D
V50%
V
+
V
ND
0
I26
V26
IC
ID
t S
V1
V
+
V
P
D
D
t
t
t
V50%
0
0
V50%
Figure 9
TEA2028 - TEA2029 APPLICATION NOTE
8/46


유사한 부품 번호 - TEA2028

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TEA2028B STMICROELECTRONICS-TEA2028B Datasheet
104Kb / 9P
   COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
More results

유사한 설명 - TEA2028

제조업체부품명데이터시트상세설명
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com