전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST173S12PFK0LPBF 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 ST173S12PFK0LPBF
상세설명  Inverter Grade Thyristors (Stud Version), 175 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173S12PFK0LPBF 데이터시트(HTML) 6 Page - Vishay Siliconix

  ST173S12PFK0LPBF Datasheet HTML 1Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 2Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 3Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 4Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 5Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 6Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 7Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 8Page - Vishay Siliconix ST173S12PFK0LPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94367
6
Revision: 29-Apr-08
ST173SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 175 A
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
Fig. 13 - Frequency Characteristics
10
100
1000
10 000
100
1000
10 000
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
3000
200
500
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
50 Hz
t
p
ST173S Series
Sinusoidal pulse
T
C = 60 °C
10
100
1000
10 000
100
1000
10 000
400
2500
100
Pulse Basewidth (µs)
1000
1500
2000
3000
200
500
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
50 Hz
t
p
ST173S Series
Sinusoidal pulse
T
C = 85 °C
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
ST173S Series
Trapezoidal pulse
T
C = 60 °C
dI/dt = 50 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
400
2500
100
1000
1500
2000
3000
200
500
50 Hz
5000
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
ST173S Series
Trapezoidal pulse
T
C = 85 °C
dI/dt = 50 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
400
2500
100
1000
1500
2000
3000
200
500
50 Hz
5000
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
400
2500
5000
100
1000
1500
2000
200
500
50 Hz
ST173S Series
Trapezoidal pulse
T
C = 60 °C
dI/dt = 100 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10 000
10
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
400
2500
5000
100
1000
1500
2000
200
500
50 Hz
ST173S Series
Trapezoidal pulse
T
C = 85 °C
dI/dt = 100 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10 000


유사한 부품 번호 - ST173S12PFK0LPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

유사한 설명 - ST173S12PFK0LPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-ST173S VISHAY-VS-ST173S Datasheet
1Mb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
Revision: 11-Mar-14
VS-ST173S VISHAY-VS-ST173S_V01 Datasheet
204Kb / 11P
   Inverter Grade Thyristors (Stud Version), 175 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com