전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST173C12CHK2LP 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 ST173C12CHK2LP
상세설명  Inverter Grade Thyristors (Hockey PUK Version), 330 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST173C12CHK2LP 데이터시트(HTML) 6 Page - Vishay Siliconix

  ST173C12CHK2LP Datasheet HTML 1Page - Vishay Siliconix ST173C12CHK2LP Datasheet HTML 2Page - Vishay Siliconix ST173C12CHK2LP Datasheet HTML 3Page - Vishay Siliconix ST173C12CHK2LP Datasheet HTML 4Page - Vishay Siliconix ST173C12CHK2LP Datasheet HTML 5Page - Vishay Siliconix ST173C12CHK2LP Datasheet HTML 6Page - Vishay Siliconix ST173C12CHK2LP Datasheet HTML 7Page - Vishay Siliconix ST173C12CHK2LP Datasheet HTML 8Page - Vishay Siliconix ST173C12CHK2LP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94366
6
Revision: 29-Apr-08
ST173CPBF Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 330 A
Fig. 13 - Frequency Characteristics
Fig. 14 - Frequency Characteristics
Fig. 15 - Frequency Characteristics
100
10
100
1000
10 000
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
t
p
ST173C..C Series
Sinusoidal pulse
T
C = 40 °C
50 Hz
100
200
500
400
1000
1500
2500
3000
5000
100
10
100
1000
10 000
1000
10 000
Pulse Basewidth (µs)
t
p
ST173C..C Series
Sinusoidal pulse
T
C = 55 °C
50 Hz
100
500
400
1000
1500
2500
3000
5000
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
200
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
ST173C..C Series
Trapezoidal pulse
T
C = 40 °C
dI/dt = 50 A/µs
t
p
5000
2500
1500
1000
400
200 100
50 Hz
3000
500
2000
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
ST173C..C Series
Trapezoidal pulse
T
C = 55 °C
dI/dt = 50 A/µs
t
p
5000
2500
1500
1000
400
200 100
50 Hz
3000
500
2000
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
ST173C..C Series
Trapezoidal pulse
T
C = 40 °C
dI/dt = 100 A/µs
t
p
50 Hz
100
200
400
500
1000
1500
2500
3000
5000
10 000
10
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
ST173C..C Series
Trapezoidal pulse
T
C = 55 °C
dI/dt = 100 A/µs
t
p
50 Hz
100
200
400
500
1000
1500
2500
3000
5000
10 000
10


유사한 부품 번호 - ST173C12CHK2LP

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST173C12CHK2LP IRF-ST173C12CHK2LP Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
More results

유사한 설명 - ST173C12CHK2LP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-ST173C VISHAY-VS-ST173C_V01 Datasheet
221Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
01-Jan-2022
VS-ST173C VISHAY-VS-ST173C Datasheet
241Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 16-Dec-13
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST733C IRF-ST733C Datasheet
404Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com