전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST183C08CHK1P 데이터시트(PDF) 8 Page - Vishay Siliconix

부품명 ST183C08CHK1P
상세설명  Inverter Grade Thyristors (Hockey PUK Version), 370 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183C08CHK1P 데이터시트(HTML) 8 Page - Vishay Siliconix

  ST183C08CHK1P Datasheet HTML 1Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 2Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 3Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 4Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 5Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 6Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 7Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 8Page - Vishay Siliconix ST183C08CHK1P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94368
8
Revision: 30-Apr-08
ST183CPbF Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
ORDERING INFORMATION TABLE
3 = Fast-on terminals
(gate and aux. cathode soldered leads)
1
-
Thyristor
2
-
Essential part number
3
-
3 = Fast turn-off
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
10
6
-
C = PUK case TO-200AB (A-PUK)
7
-
Reapplied dV/dt code (for tq test condition)
8
-tq code
9
-
0 = Eyelet terminals
(gate and aux. cathode unsoldered leads)
1 = Fast-on terminals
(gate and aux. cathode unsoldered leads)
dV/dt - tq combinations available
dV/dt (V/µs) 20
50
100 200 400
10
12
15
18
20
CN
CM
CL
CP
CK
DN
DM
DL
DP
DK
FL*
FM
FN*
EK
EP
EL
EM
EN
HP
HL
HM
FK
FP
HK
HN
tq (µs)
2 = Eyelet terminals
(gate and aux. cathode soldered leads)
11
-
Critical dV/dt:
None = 500 V/µs (standard value)
L = 1000 V/µs (special selection)
-
P = Lead (Pb)-free
* Standard part number.
All other types available only on request.
Device code
5
1
3
24
6
7
8
9
10
11
ST
18
3
C
08
C
H
K
-
1
P
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95074


유사한 부품 번호 - ST183C08CHK1P

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
More results

유사한 설명 - ST183C08CHK1P

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST203CPBF VISHAY-ST203CPBF Datasheet
309Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 30-Apr-08
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com