전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST300SPBF 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 ST300SPBF
상세설명  Phase Control Thyristors (Stud Version), 300 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST300SPBF 데이터시트(HTML) 5 Page - Vishay Siliconix

  ST300SPBF Datasheet HTML 1Page - Vishay Siliconix ST300SPBF Datasheet HTML 2Page - Vishay Siliconix ST300SPBF Datasheet HTML 3Page - Vishay Siliconix ST300SPBF Datasheet HTML 4Page - Vishay Siliconix ST300SPBF Datasheet HTML 5Page - Vishay Siliconix ST300SPBF Datasheet HTML 6Page - Vishay Siliconix ST300SPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94406
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST300SPbF Series
Phase Control Thyristors
(Stud Version), 300 A
Vishay High Power Products
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
110
100
Number Of Equa l Amplitude Half Cycle Current Pulses (N)
ST300SSeries
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
3000
3500
4000
4500
5000
5500
6000
6500
7000
7500
8000
8500
0.01
0.1
1
Pulse Train Duration (s)
VersusPulse Train Duration. Control
ST300SSeries
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
Maximum Non Repetitive Surge Current
Of Conduction May Not Be Maintained.
100
1000
10000
0
1
23
45
67
89
T = 25°C
J
InstantaneousOn-state Voltage (V)
T = 125°C
J
ST300SSeries
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
ST300SSeries
Steady State Value
R
= 0.10 K/ W
(DC Operation)
thJC


유사한 부품 번호 - ST300SPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
More results

유사한 설명 - ST300SPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-ST300SPBF VISHAY-VS-ST300SPBF_V01 Datasheet
196Kb / 8P
   Phase Control Thyristors(Stud Version), 300 A
01-Jan-2022
VS-ST300SPBF VISHAY-VS-ST300SPBF Datasheet
186Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 08-Jul-14
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
80RIA40PBF VISHAY-80RIA40PBF_10 Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com