전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST303SPBF 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 ST303SPBF
상세설명  Inverter Grade Thyristors (Stud Version), 300 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST303SPBF 데이터시트(HTML) 6 Page - Vishay Siliconix

  ST303SPBF Datasheet HTML 1Page - Vishay Siliconix ST303SPBF Datasheet HTML 2Page - Vishay Siliconix ST303SPBF Datasheet HTML 3Page - Vishay Siliconix ST303SPBF Datasheet HTML 4Page - Vishay Siliconix ST303SPBF Datasheet HTML 5Page - Vishay Siliconix ST303SPBF Datasheet HTML 6Page - Vishay Siliconix ST303SPBF Datasheet HTML 7Page - Vishay Siliconix ST303SPBF Datasheet HTML 8Page - Vishay Siliconix ST303SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94375
6
Revision: 30-Apr-08
ST303SPbF Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 300 A
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 11 - Frequency Characteristics
Fig. 12 - Frequency Characteristics
80
100
120
140
160
180
200
220
240
260
280
300
320
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
ST303SSeries
T = 125 °C
J
TM
20
40
60
80
100
120
140
160
180
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of On-state Current - di/ dt (A/ µs)
I
= 500 A
300 A
200 A
100 A
50 A
ST303SSeries
T = 125 °C
J
TM
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
Pulse Basewidth (µs)
1000
1500
200
500
Snubb er circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
2000
ST303SSeries
Sinusoida l pulse
T = 40°C
C
tp
1E1
1E2
1E3
1E4
50 Hz
400
100
Pulse Basewidth (µs)
1000
1500
200
500
ST303SSeries
Sinusoida l p ulse
T = 65°C
C
Snub b er circuit
R = 10 ohms
C
= 0.47 µF
V
= 80% V
s
s
D
DRM
tp
1E0
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
100
1500
200
Pulse Basewidth (µs)
2500
400
1000
50 Hz
500
Snub ber c ircuit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
ST303SSeries
Trap ezoidal pulse
T = 40°C
di/ dt = 50A/ µs
C
2000
1E1
1E2
1E3
1E4
50 Hz
400
100
1000
1500
200
Pulse Basewidth (µs)
500
Snub b er c ircuit
R = 10 ohms
C
= 0.47 µF
V
= 80%V
s
s
D
DRM
ST303SSeries
Tra pezoidal pulse
T = 65°C
di/ d t = 50A/µs
C
2000


유사한 부품 번호 - ST303SPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST303S IRF-ST303S Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
logo
New Jersey Semi-Conduct...
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
International Rectifier
ST303S04PFK0 IRF-ST303S04PFK0 Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST303S04PFK1 IRF-ST303S04PFK1 Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST303S04PFN0 IRF-ST303S04PFN0 Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
More results

유사한 설명 - ST303SPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-ST303SP VISHAY-VS-ST303SP_V01 Datasheet
324Kb / 10P
   Inverter Grade Thyristors (Stud Version), 300 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST303S IRF-ST303S Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com