전자부품 데이터시트 검색엔진 |
|
CS20604EX105G392KE 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
CS20604EX105G392KE 데이터시트(HTML) 2 Page - Vishay Siliconix |
2 / 3 page Document Number: 31519 For technical questions, contact: ff2aresistors@vishay.com www.vishay.com Revision: 07-Aug-08 2 CS206 Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP Vishay Dale DIMENSIONS in inches [millimeters] Pin #1 is extreme left-hand terminal on side with marking. NUMBER OF PINS L MAXIMUM NUMBER OF PINS L MAXIMUM NUMBER OF PINS L MAXIMUM NUMBER OF PINS L MAXIMUM NUMBER OF PINS L MAXIMUM 4 pin 0.400 [10.16] 7 pin 0.700 [17.78] 10 pin 1.000 [25.40] 13 pin 1.300 [33.02] 16 pin 1.600 [40.64] 5 pin 0.500 [12.70] 8 pin 0.800 [20.32] 11 pin 1.100 [27.94] 14 pin 1.400 [35.56] 17 pin 1.700 [43.18] 6 pin 0.600 [15.24] 9 pin 0.900 [22.86] 12 pin 1.200 [30.48] 15 pin 1.500 [38.10] 18 pin 1.800 [45.72] 0.135 [3.43] Max. 0 . 007 [0.178] Ref. Seating Plane for 0.040 [1.016] Ø Hole 0.085 [2.160] Typ. 0.050 [1.27] Typ. 0.135 + 0.015 - 0.010 [3.43 + 0.381 - 0.254] 0.010 [0.254] H (Height) Maximum: B = 0.250" [6.35] (Circuit E and M) C = 0.350" [8.89] (Circuit T) E = 0.325" [8.26] (Circuit A) C L 0.100 ± 0.005 [2.54 ± 0.127] Non-Cumulative at Point of Egress H Max. L Max. 0.020 [0.508] 0.050 [1.27] Derating 150 100 50 0 25 50 75 100 125 150 Ambient Temperature °C 70 0 TECHNICAL SPECIFICATIONS Flammability: UL 94V-0 Lead Material: Phosphorus-bronze, solder plated Body Material: Epoxy coated Solderability: Per MIL-STD-202, Method 208E Part Marking: Pin #1 identification, part number (abbreviated as space allows), DALE® or D, date code Moisture Resistance: Meets requirements of MIL-STD-202, Method 106 PERFORMANCE TEST CONDITION MAX. ΔR (Typical Test Lots) Thermal Shock Subject to 5 cycles from - 65 °C to + 125 °C ± 0.5 % ΔR Short Time Overload 2.5 x rated working voltage for 5 s at + 25 °C ± 0.25 % ΔR Moisture Resistance Cycle from + 25 °C to + 65 °C to + 25 °C over 8 h at 90 - 98 % relative humidity, with 10 % of rated power applied, for 20 cycles. Stop cycling after an even number of cycles and stabilize networks at high humidity for 1 to 4 h. Condition networks at - 10 °C for 3 h, then return to temperature cycling. On completion of cycling condition networks at + 25 °C at 50 % r.h. for 22 to 24 h ± 0.5 % ΔR Resistance to Soldering Heat Immerse pins in melted solder to the lead standoffs at + 350 °C for 3 s max. ± 0.25 % ΔR Mechanical Shock 18 shocks of 100 G and 6 ms ± 0.25 % ΔR Vibration 12 cycles varied logarithmically from 10 Hz to 2000 Hz to 10 Hz over 20 min ± 0.25 % ΔR Load Life 1000 h at + 70 °C, rated power applied 1.5 h “ON”, 0.5 h “OFF” ± 1.0 % ΔR Resistance to Solvents Immerse and scrub samples with isopropyl alcohol, trichlorethylene and Freon TMC Marking remains legible Solderability Immerse leads in 60/40 tin-lead solder using R flux at + 245 °C for 5 s maximum Minimum 95 % solder coverage Terminal Strength Withstand 2.2 kg pull 1 min ± 0.25 % ΔR Case Insulation Resistance 100 V applied between case and terminals tied together IR = 10 000 M Ω minimum |
유사한 부품 번호 - CS20604EX105G392KE |
|
유사한 설명 - CS20604EX105G392KE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |