전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC22-25C6 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 STC22-25C6
상세설명  Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STC22-25C6 데이터시트(HTML) 4 Page - Vishay Siliconix

  STC22-25C6 Datasheet HTML 1Page - Vishay Siliconix STC22-25C6 Datasheet HTML 2Page - Vishay Siliconix STC22-25C6 Datasheet HTML 3Page - Vishay Siliconix STC22-25C6 Datasheet HTML 4Page - Vishay Siliconix STC22-25C6 Datasheet HTML 5Page - Vishay Siliconix STC22-25C6 Datasheet HTML 6Page - Vishay Siliconix STC22-25C6 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STC
Vishay Sprague
Subminiature, Leaded Solid Tantalum Capacitors
Polar or Non-Polar
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 43006
94
Revision: 10-Dec-07
STANDARD RATINGS - POLAR CAPACITORS
CAPACITANCE
(µF)
MAX
DF (%)
MAX. DCL
AT+ 25 °C (µA)
CASE
CODE
PART
NUMBER
20 WVDC AT + 85 °C
0.68
6
0.5
C1
STC.68-20C1 (1)M
3.3
6
1.0
C2
STC3.3-20C2 (1)M
6.8
6
2.0
C3
STC6.8-20C3 (1)M
10
6
2.0
C3
STC10-20C3 (1)M
15
6
3.0
C4
STC15-20C4 (1)M
47
6
6.0
C5
STC47-20C5 (1)M
100
10
10.0
C6
STC100-20C6 (1)M
25 WVDC AT + 85 °C
0.47
6
0.5
C1
STC.47-25C1 (1)M
2.2
6
1.0
C2
STC2.2-25C2 (1)M
3.3
6
2.0
C3
STC3.3-25C3 (1)M
4.7
6
2.0
C3
STC4.7-25C3 (1)M
10
6
3.0
C4
STC10-25C4 (1)M
15
6
6.0
C5
STC15-25C5 (1)M
22
6
6.0
C5
STC22-25C6 (1)M
33
6
6.0
C5
STC33-25C5 (1)M
68
6
10.0
C6
STC68-25C6 (1)M
35 WVDC AT + 85 °C
0.33
6
0.5
C1
STC.33-35C1 (1)M
0.68
6
1.0
C2
STC.68-35C2 (1)M
1.0
6
1.0
C2
STC1.0-35C2 (1)M
1.5
6
1.0
C2
STC1.5-35C2 (1)M
Note:
(1) Add A for axial, R for radial
STANDARD RATINGS - NON-POLAR CAPACITORS
CAPACITANCE
(µF)
MAX
DF (%)
MAX. DCL
AT + 25 °C (µA)
CASE
CODE
PART
NUMBER
2 WVDC AT + 85 °C
10
10
1.0
N1
STC10-2N1 (1)M
3 WVDC AT + 85 °C
33
10
2.0
N2
STC33-3N2 (1)M
47
8
3.0
N3
STC47-3N3 (1)M
100
10
6.0
N4
STC100-3N4 (1)M
4 WVDC AT + 85 °C
6.8
8
1.0
N1
STC6.8-4N1 (1)M
22
8
2.0
N2
STC22-4N2 (1)M
33
8
3.0
N3
STC33-4N3 (1)M
68
8
6.0
N4
STC68-4N4 (1)M
6 WVDC AT + 85 °C
4.7
6
1.0
N1
STC4.7-6N1 (1)M
15
6
2.0
N2
STC15-6N2 (1)M
22
6
3.0
N3
STC22-6N3 (1)M
47
6
6.0
N4
STC47-6N4 (1)M
10 WVDC AT + 85 °C
3.3
6
1.0
N1
STC3.3-10N1 (1)M
10
6
2.0
N2
STC10-10N2 (1)M
15
6
3.0
N3
STC15-10N3 (1)M
33
6
6.0
N4
STC33-10N4 (1)M
Note:
(1) Add A for axial, R for radial


유사한 부품 번호 - STC22-25C6

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STC2201 SAMHOP-STC2201 Datasheet
722Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
logo
KODENSHI_AUK CORP.
STC221F KODENSHI-STC221F Datasheet
393Kb / 6P
   NPN Silicon Transistor
STC221F KODENSHI-STC221F Datasheet
393Kb / 6P
   NPN Silicon Transistor
logo
Suntac Electronic Corp.
STC2222A SUNTAC-STC2222A Datasheet
67Kb / 2P
   NPN Silicon Transistor
More results

유사한 설명 - STC22-25C6

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
List of Unclassifed Man...
CA72 ETC1-CA72 Datasheet
71Kb / 1P
   CA72 Series Non-polar Solid Electrolyte Tantalum Capacitor
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com