전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC.68-35C2 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 STC.68-35C2
상세설명  Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STC.68-35C2 데이터시트(HTML) 5 Page - Vishay Siliconix

  STC.68-35C2 Datasheet HTML 1Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 2Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 3Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 4Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 5Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 6Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 43006
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 10-Dec-07
95
STC
Subminiature, Leaded Solid Tantalum Capacitors
Polar or Non-Polar
Vishay Sprague
STANDARD RATINGS - NON-POLAR CAPACITORS
CAPACITANCE
(µF)
MAX.
DF (%)
MAX. DCL
AT + 25 °C (µA)
CASE
CODE
PART
NUMBER
15 WVDC AT + 85 °C
2.2
6
1.0
N1
STC2.2-15N1 (1)M
6.8
6
2.0
N2
STC6.8-15N2 (1)M
10
6
3.0
N3
STC10-15N3 (1)M
22
6
6.0
N4
STC22-15N4 (1)M
20 WVDC AT + 85 °C
1.5
6
1.0
N1
STC1.5-20N1 (1)M
4.7
6
2.0
N2
STC4.7-20N2 (1)M
6.8
6
3.0
N3
STC6.8-20N3 (1)M
15
6
6.0
N4
STC15-20N4 (1)M
25 WVDC AT + 85 °C
1.0
6
1.0
N1
STC1.0-25N1 (1)M
2.2
6
2.0
N2
STC2.2-25N2 (1)M
3.3
6
2.0
N2
STC3.3-25N2 (1)M
4.7
6
3.0
N3
STC4.7-25N3 (1)M
10
6
6.0
N4
STC10-25N4 (1)M
35 WVDC AT + 85 °C
0.68
6
1.0
N1
STC.68-35N1 (1)M
Note:
(1) Add A for axial, R for radial
MARKING
STC Capacitors case sizes C3 - C6 and N2 - N4 are
print marked:
- Capacitance is in picofarads
- 1st and 2nd digits are significant figures
- 3rd digit indicates the number of zeros.
All other case sizes are have color dot marking:
Capacitance
Color
Digit
In picofarads, indicated by 3 dots.
1st and 2nd dot give the significant
digits.
3rd dot indicates the number of
zeros.
Color dot location is shown on the
dimensional sketches.
Black dot is omitted on black sleeve.
Black
0
Brown
1
Red
2
Orange
3
Yellow
4
Green
5
Capacitance Tolerance
Color
Tolerance
Blue
6
Is indicated by a dot on
the side of the case.
Black dot is omitted.
Gold
± 5 %
Violet
7
Silver
± 10 %
Grey
8
None
± 20 %
White
9
None
+ 40 %/- 20 %
The positive lead is indicated by a color dot of red
epoxy on the unit.
e.g. Yellow-Violet-Green = 4 700 000 pf
= 4.7 µF


유사한 부품 번호 - STC.68-35C2

제조업체부품명데이터시트상세설명
logo
Micro Electronics
STC-1506-2R4 MICRO-ELECTRONICS-STC-1506-2R4 Datasheet
202Kb / 1P
   SMD POWER INDUCTORS
STC-1606-2R4 MICRO-ELECTRONICS-STC-1606-2R4 Datasheet
202Kb / 1P
   SMD POWER INDUCTORS
logo
Omron Electronics LLC
STC-MBE132POE OMRON-STC-MBE132POE Datasheet
2Mb / 68P
   GigE Vision Monochrome / Color CMOS PoE Camera
STC-MBS1242POE OMRON-STC-MBS1242POE Datasheet
681Kb / 3P
   Omron Sentech GigE Vision CMOS sensor series
2019
STC-MBS163POE OMRON-STC-MBS163POE Datasheet
681Kb / 3P
   Omron Sentech GigE Vision CMOS sensor series
2019
More results

유사한 설명 - STC.68-35C2

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
List of Unclassifed Man...
CA72 ETC1-CA72 Datasheet
71Kb / 1P
   CA72 Series Non-polar Solid Electrolyte Tantalum Capacitor
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com