전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA33-5K2G25RD0016 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TA33-5K2G25RD0016
상세설명  Dual Value Chip Resistors, Center Tap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA33-5K2G25RD0016 데이터시트(HTML) 1 Page - Vishay Siliconix

  TA33-5K2G25RD0016 Datasheet HTML 1Page - Vishay Siliconix TA33-5K2G25RD0016 Datasheet HTML 2Page - Vishay Siliconix TA33-5K2G25RD0016 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual Value Chip Resistors, Center Tap
TA 33
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60066
42
Revision: 06-Oct-08
These tantalum chips combine excellent stability 0.07 %
(2000 h, rated power at + 70
°C) with great power handling
capacity. Two bonding pads per termination allow greater
flexibility in hybrid layout design.
FEATURES
• Center tap feature
• Resistor material: self-passivating
Tantalum Nitride
• Silicon substrate for good power dissipation
• Low cost
• Wirebondable
TYPICAL PERFORMANCE
SCHEMATIC
* Please see document “Vishay Green and Halogen-Free Definitions (5-2008)” http://www.vishay.com/doc?99902
Actual Size
ABS
TRACKING
TCR
100 ppm/°C
5 ppm/°C
ABS
RATIO
TOL.
0.5 %
0.5 %
RT = R1 + R2 with R1 = R2 Standard
R
1
R
2
R
T
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
TANTALUM NITRIDE
Resistance range
50
Ω to 1 MΩ
for RT = R1 + R2
TCR:
Tracking
± 5 ppm/°C
- 55 °C to + 155 °C
Absolute
± 100 ppm/°C (± 50 ppm/°C on request)
- 55 °C to + 155 °C
Ohmic value
Ratio
1/1 standard (unequal values: please consult)
Tolerance:
Absolute
± 0.5 %, ± 1 %, ± 2 %
Matching
± 0.5 % standard
Power dissipation
250 mW at + 25 °C, 125 mW at + 70 °C, 50 mW at + 125 °C
Stability
± 0.07 % typical, ± 0.1 maximum
2000 h at + 70 °C under Pn
Working voltage
50 VDC on RT
Operating temperature range
- 55 °C to + 155 °C
Storage temperature range
- 55 °C to + 155 °C
Noise
< - 35 dB typical
MIL-STD-202 Method 308
Thermal EMF
0.01 µV/°C
Shelf life stability
100 ppm
1 year at + 25 °C


유사한 부품 번호 - TA33-5K2G25RD0016

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TA33-5K2G25RD VISHAY-TA33-5K2G25RD Datasheet
189Kb / 3P
   Dual Value, Chip Resistor Center Tap
Revision 24-Feb-06
More results

유사한 설명 - TA33-5K2G25RD0016

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CS33 VISHAY-CS33_08 Datasheet
89Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RMK33N VISHAY-RMK33N_08 Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
RSK33N VISHAY-RSK33N Datasheet
96Kb / 3P
   Dual Value Chip Resistors, Center Tap
Revision: 06-Oct-08
CS33 VISHAY-CS33 Datasheet
71Kb / 3P
   Dual Value Chip Resistor, Center Tap
Revision 27-Apr-01
TA33 VISHAY-TA33 Datasheet
189Kb / 3P
   Dual Value, Chip Resistor Center Tap
Revision 24-Feb-06
RMK33N VISHAY-RMK33N Datasheet
114Kb / 2P
   Dual Value Chip Resistor, Center Tap
Revision 22-Jul-03
S30R VISHAY-S30R Datasheet
257Kb / 3P
   Center Tap Chip Resistor
Revision 01-May-03
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
logo
Vishay Siliconix
RMK22N VISHAY-RMK22N Datasheet
85Kb / 3P
   Single Value Chip Resistors
Revision: 11-Mar-14
RMK55N VISHAY-RMK55N Datasheet
91Kb / 3P
   Single Value Chip Resistors
Revision: 06-Oct-08
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com