전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U10CCT 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 U10CCT
상세설명  Dual Common-Cathode Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U10CCT 데이터시트(HTML) 4 Page - Vishay Siliconix

  U10CCT Datasheet HTML 1Page - Vishay Siliconix U10CCT Datasheet HTML 2Page - Vishay Siliconix U10CCT Datasheet HTML 3Page - Vishay Siliconix U10CCT Datasheet HTML 4Page - Vishay Siliconix U10CCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
New Product
U(F,B)10BCT thru U(F,B)10DCT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88967
Revision: 13-May-08
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
ITO-220AB
0.076 (1.93) REF.
45° REF.
PIN
3
2
1
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.057 (1.45)
0.045 (1.14)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.025 (0.64)
0.015 (0.38)
0.105 (2.67)
0.095 (2.41)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
7° REF.
7° REF.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.350 (8.89)
0.330 (8.38)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.


유사한 부품 번호 - U10CCT

제조업체부품명데이터시트상세설명
logo
Amphenol Communications...
U10C03820001T AMPHENOLCS-U10C03820001T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10C03820002T AMPHENOLCS-U10C03820002T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10C03820101T AMPHENOLCS-U10C03820101T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10C03820102T AMPHENOLCS-U10C03820102T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
U10C03821001T AMPHENOLCS-U10C03821001T Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
More results

유사한 설명 - U10CCT

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Feb-16
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
01-Jan-2022
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 02-Sep-13
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
   Dual Common-Cathode Ultrafast Rectifier
Revision: 05-May-08
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
   Dual Common Cathode Ultrafast Rectifier
Revision: 23-Oct-13
logo
KODENSHI_AUK CORP.
SF20D400SD2 KODENSHI-SF20D400SD2 Datasheet
215Kb / 5P
   Ultrafast Dual Common-Cathode Rectifier
20-APR-12
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com