전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST220100L2MX 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 ST220100L2MX
상세설명  Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST220100L2MX 데이터시트(HTML) 1 Page - Vishay Siliconix

  ST220100L2MX Datasheet HTML 1Page - Vishay Siliconix ST220100L2MX Datasheet HTML 2Page - Vishay Siliconix ST220100L2MX Datasheet HTML 3Page - Vishay Siliconix ST220100L2MX Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Super Tan® Wet Tantalum Capacitors
with Hermetic Seal
ST
Vishay
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 43000
80
Revision: 17-Jul-08
Vishay ST represents a major breakthrough in wet tantalum
capacitor technology. Its unique cathode system provides
the highest capacitance per unit volume. The design
facilitates a doubling of capacitance, lower ESR and higher
ripple current rating compared with conventional wet
tantalum products. Moreover, the ST has the capacitance
stability of a solid tantalum capacitor and there are no circuit
impedance restrictions.
The ST is housed in an all tantalum, hermetically sealed case
and is manufactured to withstand hazardous environments.
The ST is used widely in the defense and aerospace
industries and whenever there is a space problem
FEATURES
• Terminations:
Standard
tin/lead
(Sn/Pb)
100
%
tin
(RoHS
compliant)
available
terminations:
• Very High Capacitance
• 10 to 1800 µF
• 25 to 125 VDC
• - 55 °C to + 125 °C
• Very Low ESR
• High Ripple Current
• All Tantalum Case
• Hermetically Sealed
• Low DCL
APPLICATION NOTES
a) No continuous reverse voltage permissible.
b) The peak of the applied AC ripple and the applied DC
voltage must not exceed the DC voltage rating of the
capacitor.
c) Ripple current ratings by part number at 85 °C and 40 kHz
are included in the table. Ripple current correction factors
for other temperatures and frequencies are given on the
next page.
d) Transient reverse voltage surges are acceptable under
the following conditions:
The peak reverse voltage does not exceed 1.5 V and the
peak current times the duration of the reverse transient
does not exceed 0.05 ampere seconds. In addition, the
repetition frequency of the reverse voltage surge is less
than 10 Hz.
Note
1. See DSCC drawing 93026 for MIL version of Super Tan
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
DIMENSIONS in inches [millimeters]
CASE CODE
D MAX. INSULATED
D ± 0.016 (0.41)
L + 0.031 (0.79) UNINSULATED
E ± 0.250 (6.35) MAX.
T1
0.219 (5.56)
0.188 (4.78)
0.453 (11.51)
1.500 (38.10)
T2
0.312 (7.92)
0.281 (7.14)
0.641 (16.28)
2.250 (57.15)
L2
0.312 (7.92)
0.281 (7.14)
1.008 (25.60)
2.250 (57.15)
T3
0.406 (10.31)
0.375 (9.52)
0.766 (19.46)
2.250 (57.15)
T4
0.406 (10.31)
0.375 (9.52)
1.062 (26.97)
2.250 (57.15)
Notes
1. Material at egress is tantalum
2. Insulation sleeving will lap over the ends of the capacitor case.
Approx. Weight
T1: 2.3 g, T2: 5.7 g
T3: 9.4 g, T4: 14.8 g
0.094 (2.38)
MAX.
L
E
E
TERMINAL LOCATION
WITHIN 0.031 OF CENTER
“D” DIA.
0.025 + 0.002
(0.64 + 0.05)
TERMINAL WELDED
TO CASE
0.250 (6.35)
MAX.
ORDERING INFORMATION
ST
220
100
T4
M
I
E3
SUPERTAN
COMMERCIAL
CAP. TYPE*
CAPACITANCE
µF
85 °C RATED DC
VOLTAGE
CASE CODE
CAPACITANCE
TOLERANCE
M = ± 20 %
K = ± 10 %
INSULATING
SLEEVE
I = Insulated
X = Uninsulated
RoHS COMPLIANT
E3 = 100 % tin termination
(RoHS compliant)
Blank = SnPb termination
(standard design)


유사한 부품 번호 - ST220100L2MX

제조업체부품명데이터시트상세설명
logo
Sitronix Technology Co....
ST2201U SITRONIX-ST2201U Datasheet
298Kb / 12P
   Integrated Microcontroller
More results

유사한 설명 - ST220100L2MX

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST VISHAY-ST Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
STE VISHAY-STE_V01 Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE VISHAY-STE Datasheet
92Kb / 3P
   SuperTan® Extended (STE) Capacitors Wet Tantalum with Hermetic Seal
Revision: 25-Aug-08
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
STE470-75T3MI VISHAY-STE470-75T3MI Datasheet
105Kb / 6P
   SuperTan Extended (STE) Capacitors, Wet Tantalum Capacitors with Hermetic Seal
Revision: 07-Nov-14
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com