전자부품 데이터시트 검색엔진 |
|
K100K15C0GF5.H5 데이터시트(PDF) 5 Page - Vishay Siliconix |
|
K100K15C0GF5.H5 데이터시트(HTML) 5 Page - Vishay Siliconix |
5 / 13 page www.vishay.com If not in range chart or for technical questions please contact cmll@vishay.com Document Number: 45175 57 Revision: 18-Jan-06 Mono-Kap Vishay Dipped Radial Multilayer Ceramic Capacitors 50 - 100 Vdc MONO-KAP X7R - 50 VDC CLEAR TEXT CODE CAP (PF) RATED VOLTAGE (Vdc) LEAD SPACING 10 % TOLERANCE 20 % TOLERANCE MM (INCH-REF) 13TH DIGIT T = REEL; U = AMMO; 3 = BULK 13TH DIGIT T = REEL; U = AMMO; 3 = BULK 330 50 Vdc 5.0 mm (0.20") K331K15X7RF5.H5 K331M15X7RF5.H5 390 2.5 mm (0.10") K391K15X7RF5.L2 K391M15X7RF5.L2 390 5.0 mm (0.20") K391K15X7RF5.H5 K391M15X7RF5.H5 470 2.5 mm (0.10") K471K15X7RF5.L2 K471M15X7RF5.L2 470 5.0 mm (0.20") K471K15X7RF5.H5 K471M15X7RF5.H5 560 2.5 mm (0.10") K561K15X7RF5.L2 K561M15X7RF5.L2 560 5.0 mm (0.20") K561K15X7RF5.H5 K561M15X7RF5.H5 680 2.5 mm (0.10") K681K15X7RF5.L2 K681M15X7RF5.L2 680 5.0 mm (0.20") K681K15X7RF5.H5 K681M15X7RF5.H5 820 2.5 mm (0.10") K821K15X7RF5.L2 K821M15X7RF5.L2 820 5.0 mm (0.20") K821K15X7RF5.H5 K821M15X7RF5.H5 1000 2.5 mm (0.10") K102K15X7RF5.L2 K102M15X7RF5.L2 1000 5.0 mm (0.20") K102K15X7RF5.H5 K102M15X7RF5.H5 1200 2.5 mm (0.10") K122K15X7RF5.L2 K122M15X7RF5.L2 1200 5.0 mm (0.20") K122K15X7RF5.H5 K122M15X7RF5.H5 1500 2.5 mm (0.10") K152K15X7RF5.L2 K152M15X7RF5.L2 1500 5.0 mm (0.20") K152K15X7RF5.H5 K152M15X7RF5.H5 1800 2.5 mm (0.10") K182K15X7RF5.L2 K182M15X7RF5.L2 1800 5.0 mm (0.20") K182K15X7RF5.H5 K182M15X7RF5.H5 2200 2.5 mm (0.10") K222K15X7RF5.L2 K222M15X7RF5.L2 2200 5.0 mm (0.20") K222K15X7RF5.H5 K222M15X7RF5.H5 2700 2.5 mm (0.10") K272K15X7RF5.L2 K272M15X7RF5.L2 2700 5.0 mm (0.20") K272K15X7RF5.H5 K272M15X7RF5.H5 3300 2.5 mm (0.10") K332K15X7RF5.L2 K332M15X7RF5.L2 3300 5.0 mm (0.20") K332K15X7RF5.H5 K332M15X7RF5.H5 3900 2.5mm (0.10") K392K15X7RF5.L2 K392M15X7RF5.L2 3900 5.0 mm (0.20") K392K15X7RF5.H5 K392M15X7RF5.H5 4700 2.5 mm (0.10") K472K15X7RF5.L2 K472M15X7RF5.L2 4700 5.0 mm (0.20") K472K15X7RF5.H5 K472M15X7RF5.H5 5600 2.5 mm (0.10") K562K15X7RF5.L2 K562M15X7RF5.L2 5600 5.0 mm (0.20") K562K15X7RF5.H5 K562M15X7RF5.H5 6800 2.5 mm (0.10") K682K15X7RF5.L2 K682M15X7RF5.L2 6800 5.0 mm (0.20") K682K15X7RF5.H5 K682M15X7RF5.H5 8200 2.5 mm (0.10") K822K15X7RF5.L2 K822M15X7RF5.L2 8200 5.0 mm (0.20") K822K15X7RF5.H5 K822M15X7RF5.H5 10 000 2.5 mm (0.10") K103K15X7RF5.L2 K103M15X7RF5.L2 10 000 5.0 mm (0.20") K103K15X7RF5.H5 K103M15X7RF5.H5 12 000 2.5 mm (0.10") K123K15X7RF5.L2 K123M15X7RF5.L2 12 000 5.0 mm (0.20") K123K15X7RF5.H5 K123M15X7RF5.H5 15 000 2.5 mm (0.10") K153K15X7RF5.L2 K153M15X7RF5.L2 15 000 5.0 mm (0.20") K153K15X7RF5.H5 K153M15X7RF5.H5 18 000 2.5 mm (0.10") K183K15X7RF5.L2 K183M15X7RF5.L2 18 000 5.0 mm (0.20") K183K15X7RF5.H5 K183M15X7RF5.H5 22 000 2.5 mm (0.10") K223K15X7RF5.L2 K223M15X7RF5.L2 22 000 5.0 mm (0.20") K223K15X7RF5.H5 K223M15X7RF5.H5 27 000 2.5 mm (0.10") K273K15X7RF5.L2 K273M15X7RF5.L2 |
유사한 부품 번호 - K100K15C0GF5.H5 |
|
유사한 설명 - K100K15C0GF5.H5 |