전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1882AJCPZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD1882AJCPZ
상세설명  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1882AJCPZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD1882AJCPZ Datasheet HTML 7Page - Analog Devices AD1882AJCPZ Datasheet HTML 8Page - Analog Devices AD1882AJCPZ Datasheet HTML 9Page - Analog Devices AD1882AJCPZ Datasheet HTML 10Page - Analog Devices AD1882AJCPZ Datasheet HTML 11Page - Analog Devices AD1882AJCPZ Datasheet HTML 12Page - Analog Devices AD1882AJCPZ Datasheet HTML 13Page - Analog Devices AD1882AJCPZ Datasheet HTML 14Page - Analog Devices AD1882AJCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1882A
Rev. 0
|
Page 11 of 20
|
August 2008
DIGITAL MICROPHONE INTERFACE TIMING SPECIFICATIONS
The digital microphone interface can support one or two digital
microphones using two or three codec pins. Both uniplex (one
microphone per data pin) and multiplex (two microphones
sharing the same data pin) are supported. The timing for these
configurations are shown in Figure 3 and Figure 4. The interface
can generate a microphone clock at 1.5 MHz, 2.0 MHz, or
3.0 MHz to suit quality and power requirements.
Table 7. Microphone Timing Parameters
Parameter
Min
Typ
Max
Unit
Timing Requirements
t0
DM_CLK (1.5 MHz) Period
Duty Cycle
667
50/50
ns
%
t0
DM_CLK (2.0 MHz) Period
Duty Cycle
500
50/50
ns
%
t0
DM_CLK (3.0 MHz) Period
Duty Cycle
333
50/50
ns
%
t1
DM_CLK Rise Time
5
ns
t2
DM_CLK Fall Time
5ns
t3
Data Setup to DM_CLK Edge
100
ns
t4
Data Hold from DM_CLK Edge
5
ns
Figure 3. Uniplex Microphone Timing
Figure 4. Multiplex Microphone Timing
DM_CLK
t1
t2
t3
DM_DATA
t0
t4
DM_CLK
t1
t2
t3
DM_DATA
t0
LEFT DATA VALID
RIGHT DATA VALID
LEFT DATA VALID
t4
t3
t4


유사한 부품 번호 - AD1882AJCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ-RL1 AD-AD1882JCPZ-RL1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ1 AD-AD1882JCPZ1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results

유사한 설명 - AD1882AJCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com