전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5754BREZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD5754BREZ
상세설명  Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5754BREZ 데이터시트(HTML) 5 Page - Analog Devices

  AD5754BREZ Datasheet HTML 1Page - Analog Devices AD5754BREZ Datasheet HTML 2Page - Analog Devices AD5754BREZ Datasheet HTML 3Page - Analog Devices AD5754BREZ Datasheet HTML 4Page - Analog Devices AD5754BREZ Datasheet HTML 5Page - Analog Devices AD5754BREZ Datasheet HTML 6Page - Analog Devices AD5754BREZ Datasheet HTML 7Page - Analog Devices AD5754BREZ Datasheet HTML 8Page - Analog Devices AD5754BREZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD5724/AD5734/AD5754
Rev. 0 | Page 5 of 32
AC PERFORMANCE CHARACTERISTICS
AVDD = 4.5 V1 to 16.5 V; AVSS = −4.5 V1 to −16.5 V, or 0 V; GND = 0 V; REFIN= 2.5 V; DVCC = 2.7 V to 5.5 V; RLOAD = 2 kΩ;
CLOAD = 200 pF; all specifications TMIN to TMAX.
Table 2.
A, B Version
Parameter2
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
10
12
μs
20 V step to ±0.03% FSR
7.5
8.5
μs
10 V step to ±0.03% FSR
5
μs
512 LSB step settling (16-bit resolution)
Slew Rate
3.5
V/μs
Digital-to-Analog Glitch Energy
13
nV-sec
Glitch Impulse Peak Amplitude
35
mV
Digital Crosstalk
10
nV-sec
DAC-to-DAC Crosstalk
10
nV-sec
Digital Feedthrough
0.6
nV-sec
Output Noise
0.1 Hz to 10 Hz Bandwidth)
15
μV p-p
0x8000 DAC code
100 kHz Bandwidth
80
μV rms
Output Noise Spectral Density
320
nV/√Hz
Measured at 10 kHz, 0x8000 DAC code
1 For specified performance, maximum headroom requirement is 0.9 V.
2 Guaranteed by design and characterization. Not production tested.
TIMING CHARACTERISTICS
AVDD = 4.5 V to 16.5 V; AVSS = −4.5 V to −16.5 V, or 0 V; GND = 0 V; REFIN = 2.5 V; DVCC = 2.7 V to 5.5 V; RLOAD = 2 kΩ; CLOAD = 200 pF;
all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1, 2, 3
Limit at tMIN, tMAX
Unit
Description
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC falling edge to SCLK falling edge setup time
t5
13
ns min
SCLK falling edge to SYNC rising edge
t6
100
ns min
Minimum SYNC high time (write mode)
t7
5
ns min
Data setup time
t8
0
ns min
Data hold time
t9
20
ns min
LDAC falling edge to SYNC falling edge
t10
20
ns min
SYNC rising edge to LDAC falling edge
t11
20
ns min
LDAC pulse width low
t12
10
μs typ
DAC output settling time
t13
20
ns min
CLR pulse width low
t14
2.5
μs max
CLR pulse activation time
t154
13
ns min
SYNC rising edge to SCLK rising edge
t164
40
ns max
SCLK rising edge to SDO valid (CL SDO5 = 15 pF)
t17
200
ns min
Minimum SYNC high time (readback/daisy-chain mode)
1 Guaranteed by characterization; not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of DVCC) and timed from a voltage level of 1.2 V.
3 See Figure 2, Figure 3, and Figure 4.
4 Daisy-chain and readback mode.
5 CL SDO = capacitive load on SDO output.


유사한 부품 번호 - AD5754BREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5754BREZ AD-AD5754BREZ Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5754BREZ-REEL7 AD-AD5754BREZ-REEL7 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
More results

유사한 설명 - AD5754BREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
AD5724 AD-AD5724_17 Datasheet
1Mb / 31P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5724R AD-AD5724R_17 Datasheet
1Mb / 33P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5734 AD-AD5734_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com