전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7190 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7190
상세설명  4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7190 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7190_08 Datasheet HTML 7Page - Analog Devices AD7190_08 Datasheet HTML 8Page - Analog Devices AD7190_08 Datasheet HTML 9Page - Analog Devices AD7190_08 Datasheet HTML 10Page - Analog Devices AD7190_08 Datasheet HTML 11Page - Analog Devices AD7190_08 Datasheet HTML 12Page - Analog Devices AD7190_08 Datasheet HTML 13Page - Analog Devices AD7190_08 Datasheet HTML 14Page - Analog Devices AD7190_08 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD7190
Rev. 0 | Page 11 of 40
Pin No.
Mnemonic
Description
13
AIN3
Analog Input. It can be configured as the positive input of a fully differential input pair when used with
AIN4 or as a pseudo differential input when used with AINCOM.
14
AIN4
Analog Input. It can be configured as the negative input of a fully differential input pair when used with
AIN3 or as a pseudo differential input when used with AINCOM.
15
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−).
REFIN1(+) can lie anywhere between AVDD and GND + 1 V. The nominal reference voltage, (REFIN1(+) −
REFIN1(−)), is AVDD, but the part functions with a reference from 1 V to AVDD.
16
REFIN1(−)
Negative Reference Input. This reference input can lie anywhere between GND and AVDD − 1 V.
17
BPDSW
Bridge Power-Down Switch to AGND.
18
AGND
Analog Ground Reference Point.
19
DGND
Digital Ground Reference Point.
20
AVDD
Analog Supply Voltage, 4.75 V to 5.25 V. AVDD is independent of DVDD.
21
DVDD
Digital Supply Voltage, 2.7 V to 5.25 V. DVDD is independent of AVDD.
22
SYNC
Logic input that allows for synchronization of the digital filters and analog modulators when using
multiple AD7190 devices. While SYNC is low, the nodes of the digital filter, the filter control logic, and the
calibration control logic are reset, and the analog modulator is held in its reset state. SYNC does not affect
the digital interface but does reset RDY to a high state if it is low. SYNC has a pull-up resistor internally to
DVDD.
23
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDYserves a dual purpose. It functions as a serial data
output pin to access the output shift register of the ADC. The output shift register can contain data from
any of the on-chip data or control registers. In addition, DOUT/RDY operates as a data ready pin, going low
to indicate the completion of a conversion. If the data is not read after the conversion, the pin goes high
before the next update occurs. The DOUT/RDY falling edge can be used as an interrupt to a processor,
indicating that valid data is available. With an external serial clock, the data can be read using the
DOUT/RDY pin. With CS low, the data/control word information is placed on the DOUT/RDY pin on the
SCLK falling edge and is valid on the SCLK rising edge.
24
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the
control registers in the ADC, with the register selection bits of the communications register identifying the
appropriate register.


유사한 부품 번호 - AD7190_08

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7190BRUZ AD-AD7190BRUZ Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190BRUZ-REEL AD-AD7190BRUZ-REEL Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190WBRUZ AD-AD7190WBRUZ Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190WBRUZ-RL AD-AD7190WBRUZ-RL Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
More results

유사한 설명 - AD7190_08

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com