전자부품 데이터시트 검색엔진 |
|
MC13202_0812 데이터시트(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MC13202_0812 데이터시트(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 30 page MC13202 Technical Data, Rev. 1.5 Freescale Semiconductor 9 5.3 DC Electrical Characteristics Table 3. DC Electrical Characteristics (VBATT, VDDINT = 2.7 V, TA = 25 °C, unless otherwise noted) Characteristic Symbol Min Typ Max Unit Power Supply Current (VBATT + VDDINT) Off1 Hibernate1 Doze (No CLKO)1 2 Idle Transmit Mode (0 dBm nominal output power) Receive Mode 1 To attain specified low power current, all GPIO and other digital IO must be handled properly. See Section 8.3, “Low Power Considerations”. 2 CLKO frequency at default value of 32.786 kHz. Ileakage ICCH ICCD ICCI ICCT ICCR - - - - - - 0.2 1.0 35 500 30 37 1.0 6.0 102 800 35 42 µA µA µA µA mA mA Input Current (VIN = 0 V or VDDINT) (All digital inputs) IIN -- ±1 µA Input Low Voltage (All digital inputs) VIL 0- 30% VDDINT V Input High Voltage (all digital inputs) VIH 70% VDDINT -VDDINT V Output High Voltage (IOH = -1 mA) (All digital outputs) VOH 80% VDDINT -VDDINT V Output Low Voltage (IOL = 1 mA) (All digital outputs) VOL 0- 20% VDDINT V |
유사한 부품 번호 - MC13202_0812 |
|
유사한 설명 - MC13202_0812 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |