전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF9010BCPZ-RL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADF9010BCPZ-RL7
상세설명  900 MHz ISM Band Analog RF Front End
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF9010BCPZ-RL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADF9010BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 13Page - Analog Devices ADF9010BCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADF9010
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–40
–60
–80
–100
–120
–140
–160
1k
100M
10k
100k
1M
10M
FREQUENCY (Hz)
900MHz LO
10MHz REFIN
1MHz PFD
INTEGRATED PHASE ERROR: 0.75 rms
Figure 4. LO Phase Noise (900 MHz, Including Open-Loop VCO Noise)
10
9
8
7
6
5
4
3
2
1
0
840 850
880
910
LO FREQUENCY (MHz)
860
890
920
870
900
930 940 950 960
–40°C 3.15V POUT
–40°C 3.3V POUT
–40°C 3.45V POUT
+25°C 3.15V POUT
+25°C 3.3V POUT
+25°C 3.45V POUT
+85°C 3.15V POUT
+85°C 3.3V POUT
+85°C 3.45V POUT
Figure 5. Single Sideband Tx Power Output (dBm) vs. LO frequency (Hz) with
Supply and Temperature Variations; Outputs Combined in 50:100 Balun
20
15
10
5
0
–5
–10
–15
–10
–5
0
10
20
PIN (dBm)
515
–40°C 3.15V POUT
–40°C 3.3V POUT
–40°C 3.45V POUT
+25°C 3.15V POUT
+25°C 3.3V POUT
+25°C 3.45V POUT
+85°C 3.15V POUT
+85°C 3.3V POUT
+85°C 3.45V POUT
IDEAL
Figure 6. Power Output vs. Baseband Input Power with Supply and
Temperature Variations
28
27
26
25
24
23
22
21
20
19
18
840 850
880
910
LO FREQUENCY (MHz)
860
890
920
870
900
930 940 950 960
–40°C 3.15V OIP3
–40°C 3.3V OIP3
–40°C 3.45V OIP3
+85°C 3.15V OIP3
+85°C 3.3V OIP3
+85°C 3.45V OIP3
+25°C 3.15V OIP3
+25°C 3.3V OIP3
+25°C 3.45V OIP3
Figure 7. Output IP3 (dBm) vs. LO Frequency (Hz), with Supply and
Temperature Variations; Two-Tone Test (10 MHz and 12 MHz Baseband
Input Frequencies)
0
–10
–20
–30
–40
–50
–60
–70
–80
LO FREQUENCY (MHz)
–40°C 3.15V SBS
–40°C 3.3V SBS
–40°C 3.45V SBS
+85°C 3.15V SBS
+85°C 3.3V SBS
+85°C 3.45V SBS
+25°C 3.15V SBS
+25°C 3.3V SBS
+25°C 3.45V SBS
840 850
880
910
860
890
920
870
900
930 940 950 960
Figure 8. Unwanted Sideband Suppression (dBc) vs. LO Frequency (Hz) with
Supply and Temperature Variations
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.2
1.0
1.8
2.6
3.4
DIFFERENTIAL INPUT VOLTAGE (V)
3.0
0.6
1.4
2.2
25°C 3.3V POUT (dBm)
25°C 3.3V SBS (dBc)
25°C 3.3V LOFT (dBc)
25°C 3.3V HD2 (dBm)
25°C 3.3V HD3 (dBm)
Figure 9. Second- and Third-Order Distortion, Sideband Suppression (dBc),
Carrier Feedthrough (dBm) and SBS POUT vs. Baseband Differential Input
Level; LO Frequency = 900 MHz


유사한 부품 번호 - ADF9010BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF9010BCPZ-RL7 AD-ADF9010BCPZ-RL7 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
More results

유사한 설명 - ADF9010BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF9010 AD-ADF9010_17 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
Skyworks Solutions Inc.
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
logo
World Produts Inc.
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
   900 MHz ISM Band Whip / Stubby Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
   900 MHz ISM band Omni-directional Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
   900 MHz ISM band Directional Panel Antenna
logo
Skyworks Solutions Inc.
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com