전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV3002 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADV3002
상세설명  4:1 HDMI/DVI Switch with Equalization, DDC/CEC Buffers and EDID Replication
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV3002 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADV3002 Datasheet HTML 4Page - Analog Devices ADV3002 Datasheet HTML 5Page - Analog Devices ADV3002 Datasheet HTML 6Page - Analog Devices ADV3002 Datasheet HTML 7Page - Analog Devices ADV3002 Datasheet HTML 8Page - Analog Devices ADV3002 Datasheet HTML 9Page - Analog Devices ADV3002 Datasheet HTML 10Page - Analog Devices ADV3002 Datasheet HTML 11Page - Analog Devices ADV3002 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADV3002
Rev. 0 | Page 8 of 28
Pin No.
Mnemonic
Type
Description
59
IN_C_DATA2−
TMDS
High Speed TMDS Input C Data Complement.
60
IN_C_DATA2+
TMDS
High Speed TMDS Input C Data.
61
EDID_SCL
Control
External EDID EEPROM Serial Interface Clock.
62
EDID_SDA
Control
External EDID EEPROM Serial Interface Data.
63
EDID_ENABLE
Control
EDID Replication Enable.
64
AMUXVCC
Power
Positive Power Supply 5.0 V.
65
CEC_OUT
CEC
Consumer Electronics Control Output.
66
CEC_IN
CEC
Consumer Electronics Control Input.
67
DDC_SCL_COM
DDC
Display Data Channel Serial Clock Common Input/Output.
68
DDC_SDA_COM
DDC
Display Data Channel Serial Data Common Input/Output.
69
DDC_SCL_D
DDC
Display Data Channel Serial Clock Input/Output D.
70
DDC_SDA_D
DDC
Display Data Channel Serial Data Input/Output D.
71
DDC_SCL_C
DDC
Display Data Channel Serial Clock Input/Output C.
72
DDC_SDA_C
DDC
Display Data Channel Serial Data Input/Output C.
73
DDC_SCL_B
DDC
Display Data Channel Serial Clock Input/Output B.
74
DDC_SDA_B
DDC
Display Data Channel Serial Data Input/Output B.
75
DDC_SCL_A
DDC
Display Data Channel Serial Clock Input/Output B.
76
DDC_SDA_A
DDC
Display Data Channel Serial Data Input/Output A.
77
P5V_D
Power
5 V HDMI Supply from Source D.
78
P5V_C
Power
5 V HDMI Supply from Source C.
79
P5V_B
Power
5 V HDMI Supply from Source B.
80
P5V_A
Power
5 V HDMI Supply from Source A.


유사한 부품 번호 - ADV3002

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3002 AD-ADV3002 Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
ADV3002-EVALZ AD-ADV3002-EVALZ Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
ADV3002BSTZ AD-ADV3002BSTZ Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
ADV3002BSTZ-RL AD-ADV3002BSTZ-RL Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
ADV3002 AD-ADV3002_12 Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
More results

유사한 설명 - ADV3002

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV3002 AD-ADV3002_12 Datasheet
681Kb / 28P
   4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
AD8192 AD-AD8192 Datasheet
975Kb / 28P
   2:1 HDMI/DVI Switch with Equalization and DDC/CEC Buffers
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com