전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXL345BCCZ1 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADXL345BCCZ1
상세설명  Three-Axis, 짹2/4/8/16g Digital Accelerometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXL345BCCZ1 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADXL345BCCZ1 Datasheet HTML 4Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 5Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 6Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 7Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 8Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 9Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 10Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 11Page - Analog Devices ADXL345BCCZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADXL345
Preliminary Technical Data
Rev. PrA | Page 8 of 24
Auto Sleep Mode
Additional power can be saved by having the ADXL345
automatically switch to sleep mode during periods of inactivity.
To enable this feature set the THRESH_INACT register to an
acceleration value that signifies no activity (this value will
depend on the application), set TIME_INACT to an
appropriate inactivity time period (again, this will depend on
the application), and set the AUTO_SLEEP bit and the LINK bit
in the POWER_CTL register. Current consumption at the sub-
8Hz data rates used in this mode is typically 25 µA.
Standby Mode
For even lower power operation Standby Mode can be used. In
Standby Mode current consumption is reduced to 2µA (typical).
In this mode no measurements are made and communication
with the ADXL345 is limited to single-byte read or writes.
Standby Mode is entered by clearing the MEASURE bit (D3) in
the POWER_CTL register. Placing the device into Standby
Mode will preserve the contents of the FIFO.


유사한 부품 번호 - ADXL345BCCZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL345BCCZ AD-ADXL345BCCZ Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL AD-ADXL345BCCZ-RL Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
ADXL345BCCZ-RL7 AD-ADXL345BCCZ-RL7 Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
More results

유사한 설명 - ADXL345BCCZ1

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
   짹4g - 16g Three Axis Low-g Micromachined Accelerometer
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KX224-1053 ETC-KX224-1053 Datasheet
2Mb / 84P
   짹 8g / 16g / 32g Tri-axis Digital Accelerometer Specifications
Rev. 2.0 22-Dec-2017
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
SMB365 ETC2-SMB365 Datasheet
451Kb / 21P
   Three-axis accelerometer
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
   Three Axis Low-g Digital Output Accelerometer
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com