전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2100P1 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2100P1
상세설명  19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2100P1 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA2100P1 Datasheet HTML 5Page - Texas Instruments TPA2100P1 Datasheet HTML 6Page - Texas Instruments TPA2100P1 Datasheet HTML 7Page - Texas Instruments TPA2100P1 Datasheet HTML 8Page - Texas Instruments TPA2100P1 Datasheet HTML 9Page - Texas Instruments TPA2100P1 Datasheet HTML 10Page - Texas Instruments TPA2100P1 Datasheet HTML 11Page - Texas Instruments TPA2100P1 Datasheet HTML 12Page - Texas Instruments TPA2100P1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
APPLICATION INFORMATION
FULLY DIFFERENTIAL CLASS-D AUDIO POWER AMPLIFIER
DRIVING A CERAMIC/PIEZO SPEAKER
LOAD CONFIGURATION
TPA2100P1
www.ti.com ........................................................................................................................................................................................... SLOS595 – DECEMBER 2008
The TPA2100P1 consists of a boost converter and a Class-D amplifier. The boost converter takes a low supply
voltage, VDD, and increases it to a higher output voltage, VCCOUT. VCCIN is the power supply for the Class-D
amplifier. Connect VCCOUT to VCCIN.
The TPA2100P1 is a fully differential amplifier. The fully differential amplifier includes a differential amplifier with
common-mode feedback. The differential output is equal to the differential input times the gain. The
common-mode feedback ensures that the common-mode voltage at the output is biased around VCC/2 (Class-D
supply voltage, VCCOUT, divided by 2) regardless of the common-mode voltage at the input. The fully differential
TPA2100P1 can still be used with a single-ended input; however, the TPA2100P1 should be used with
differential inputs when in a noisy environment, like a wireless handset, to ensure maximum noise rejection.
• Input-coupling capacitors are not required:
The TPA2100P1 inputs can be biased anywhere within the common mode input voltage range listed in the
Recommended Operating Conditions table. If the inputs are biased outside of that range, then
input-coupling capacitors are required.
• Mid-supply bypass capacitor, C
BYPASS, is not required:
The fully differential amplifier does not require a bypass capacitor. Any shift in the midsupply affects both
positive and negative channels equally and cancels at the differential output.
• Excellent RF-immunity and supply noise rejection:
GSM handsets save power by turning on and off the RF transmitter at 217 Hz. The transmitted signal is
picked-up on input, output, and power supply traces. The fully differential amplifier cancels the signal
better than a typical audio amplifier.
Applications that require thin cases, such as mobile phones, demand that external components have a small
form factor. Dynamic loudspeakers that use a cone and voice coil typically cannot conform to the height
requirements. The option for these applications is to use a ceramic/piezoelectric loudspeaker.
Ceramic speakers have a capacitive behavior unlike a conventional loudspeaker, which has an inductive
behavior. Typical capacitance values for ceramic/piezo speakers are as high as 2
µF. High peak-to-peak voltage
drive is required to achieve acceptable sound pressure levels. Ceramic/piezo speakers have low current
consumption at frequencies up to 8 kHz. The impedance of the ceramic/piezo speaker decreases with increasing
audio frequency, thus requiring higher current as the frequency increases. However, audio signals in this range
are higher harmonics of lower fundamentals, so the current demand is still small when compared to dynamic
speaker current consumption.
Due to these characteristics, ceramic/piezo speakers are efficient in converting electrical audio signals into sound
pressure in the mid and high audio bands (starting at 900 Hz).
The TPA2100P1 overcomes the challenges of driving a ceramic/piezo speaker. The TPA2100P1 drives the
ceramic/piezo speaker with a constant output voltage over the battery life and across the audio frequency range.
The TPA2100P1 can be configured in several different ways to drive a ceramic/piezo speaker. The most obvious
configuration is to place a resistor on each output of the Class-D amplifier. A more efficient configuration is to
replace one resistor with an inductor at one of the outputs. A third way to configure is to place just one resistor
between the output and the speaker and connect the other output directly to the speaker.
For proper configuration of the load, it is important to observe the following variables:
• Speaker capacitance – C
SPK
• Maximum available current from the Boost converter – I
BOOSTMAX
• Highest desired audio frequency – f
AUDMAX
• Maximum voltage allowed across the speaker – V
OUTPEAK
• Peak Output Current from the Class-D Amplifier – I
CLASSDPEAK
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPA2100P1


유사한 부품 번호 - TPA2100P1

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

유사한 설명 - TPA2100P1

제조업체부품명데이터시트상세설명
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
logo
Asahi Kasei Microsystem...
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com