전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6045A4C 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6045A4C
상세설명  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6045A4C 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA6045A4C Datasheet HTML 5Page - Texas Instruments TPA6045A4C Datasheet HTML 6Page - Texas Instruments TPA6045A4C Datasheet HTML 7Page - Texas Instruments TPA6045A4C Datasheet HTML 8Page - Texas Instruments TPA6045A4C Datasheet HTML 9Page - Texas Instruments TPA6045A4C Datasheet HTML 10Page - Texas Instruments TPA6045A4C Datasheet HTML 11Page - Texas Instruments TPA6045A4C Datasheet HTML 12Page - Texas Instruments TPA6045A4C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
f-Frequency-Hz
Gain=10dB,
Power=1W,
R =4
,
V
=5V
L
DD
W
L toR
RtoL
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
f-Frequency-Hz
L toR
RtoL
Gain=10dB,
P
=1W,
R =8
,
V
=5V
O
L
DD
W
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
f-Frequency-Hz
L toR
RtoL
Gain=3.5dB,
P
=2.8mW,
R =16
,
V
=5V
O
L
DD
W
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
f-Frequency-Hz
Gain=10dB,
P
=2W,
R =4
,
V
=5V
O
L
DD
W
L toLDO
RtoLDO
TPA6045A4C
www.ti.com.............................................................................................................................................................................................. SLOS614 – OCTOBER 2008
TYPICAL CHARACTERISTICS (continued)
CROSSTALK (SP)
CROSSTALK (SP)
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
CROSSTALK (LDO)
CROSSTALK (HP)
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPA6045A4C


유사한 부품 번호 - TPA6045A4C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI1-TPA6040A4 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4RHB TI-TPA6040A4RHB Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4RHBR TI-TPA6040A4RHBR Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4RHBRG4 TI-TPA6040A4RHBRG4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
More results

유사한 설명 - TPA6045A4C

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com