전자부품 데이터시트 검색엔진 |
|
G0M2H4922106 데이터시트(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
G0M2H4922106 데이터시트(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 4 page www.baumerivo.com www.baumerivo.com Absolute encoders - SSI www.baumerivo.com 2 G0M2H - SSI Part number G0M2H. Pulses / Incremental output 02 No incremental output 04 2048 pulses / push-pull 06 2048 pulses / RS422 E-connection A1 Connector M23, 12-pin, radial A3 Connector M23, 12-pin, radial, for incremental output 04/06 21 Cable 1 m, radial Voltage supply / signals 10 10...30 VDC / gray code 25 bit 12 10...30 VDC / binary code 25 bit 20 10...30 VDC / gray code 24 bit 90 10...30 VDC / gray code 26 bit 92 10...30 VDC / binary code 26 bit Hollow shaft 0 Hollow shaft ø12 mm without pin 1 Hollow shaft ø12 mm with pin 15 mm B Hollow shaft ø12 mm with pin 9.5 mm 4 Hollow shaft ø14 mm without pin 5 Hollow shaft ø14 mm with pin 15 mm F Hollow shaft ø14 mm with pin 9.5 mm Hollow shaft max. ø14 mm Optical multiturn encoders 14 bit ST / 12 bit MT Accessories Connectors and cables (page %S) Z 130.001 Female connector M23, 12-pin, less cable Z 130.003 Female connector M23, 12-pin, 2 m cable Z 130.005 Female connector M23, 12-pin, 5 m cable Z 130.007 Female connector M23, 12-pin, 10 m cable Z 182.001 Female connector M23, 12-pin, less cable (incr.) Z 182.003 Female connector M23, 12-pin, 2 m (incr.) Mounting accessories (page %S) Z 119.023 Spring coupling for encoders with ø58 mm housing Z 119.024 Torque support and spring washer for encoders with 9.5 mm pin Z 119.041 Torque support by rubber buffer element for encoders with 15 mm pin Z 119.050 Spring coupling Z 119.053 Spring coupling height 19.1 mm Z 119.070 Spring coupling height 29.1 mm Z 119.072 Spring coupling for encoders with ø58 mm housing, hole distance 73 mm Z 119.073 Spring coupling for encoders with ø58 mm housing, hole distance 68 mm Z 119.076 Spring coupling for encoders with ø58 mm housing Z 119.082 Spring coupling for encoders with ø58 mm housing, hole distance 63 mm tv bit n bit n-1 tm bit 3 bit 2 bit 1 T=1/f clock data tp Clock frequency f 62.5...1500 kHz Scan ratio of T 40...60 % Time lag tv 150 ns Monoflop time tm 25 µs + T/2 Clock interval tp 30 µs Data transfer SSI Circuit SSI-Clock Optocoupler SSI-Data Linedriver RS485 Control input Input circuit Input level High >0.7 UB Input level Low <0.3 UB Input resistance 10 kΩ Incremental outputs Output circuit Linedriver RS422 Output level High >2.5 V (I = -20 mA) Output level Low <0.5 V (I = 20 mA) Push-pull circuit-proof Output level High >UB 3.5 V (I = -20 mA) Output level Low <0.5 V (I = 20 mA) Load High <20 mA Load Low <20 mA Trigger level |
유사한 부품 번호 - G0M2H4922106 |
|
유사한 설명 - G0M2H4922106 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |