전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB43L22 데이터시트(PDF) 11 Page - Cirrus Logic

부품명 CDB43L22
상세설명  Low Power, Stereo DAC w/Headphone & Speaker Amps
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB43L22 데이터시트(HTML) 11 Page - Cirrus Logic

Back Button CDB43L22 Datasheet HTML 7Page - Cirrus Logic CDB43L22 Datasheet HTML 8Page - Cirrus Logic CDB43L22 Datasheet HTML 9Page - Cirrus Logic CDB43L22 Datasheet HTML 10Page - Cirrus Logic CDB43L22 Datasheet HTML 11Page - Cirrus Logic CDB43L22 Datasheet HTML 12Page - Cirrus Logic CDB43L22 Datasheet HTML 13Page - Cirrus Logic CDB43L22 Datasheet HTML 14Page - Cirrus Logic CDB43L22 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
DS792F1
11
CS43L22
Confidential Draft
10/7/08
ANALOG OUTPUT CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; All Supplies = VA; TA = +25°C;
Sample Frequency = 48 kHz; Measurement bandwidth is 20 Hz to 20 kHz; Test load RL = 10 kΩ, CL = 10 pF for the line output
(see Figure 2); Test load RL = 16 Ω, CL = 10 pF (see Figure 2) for the headphone output; HP_GAIN[2:0] = 011.
3.
One-half LSB of triangular PDF dither is added to data.
4.
Full-scale output voltage and power is determined by the gain setting, G, in register “Headphone Analog
Gain” on page 44. High gain settings at certain VA and VHP supply levels may cause clipping when the
audio signal approaches full-scale, maximum power output, as shown in Figures 18 - 21 on page 61.
VA = 2.5 V
VA = 1.8 V
Parameters (Note 3)
Min
Typ
Max
Min
Typ
Max
Unit
RL = 10 k
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
92
89
-
-
98
95
96
93
-
-
-
-
89
86
-
-
95
92
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-86
-75
-35
-86
-73
-33
-80
-
-29
-
-
-
-
-
-
-
-
-
-88
-72
-32
-88
-70
-30
-82
-
-26
-
-
-
dB
dB
dB
dB
dB
dB
RL = 16
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
92
89
-
-
98
95
96
93
-
-
-
-
89
86
-
-
95
92
93
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-75
-75
-35
-75
-73
-33
-69
-
-29
-
-
-
-
-
-
-
-
-
-75
-72
-32
-75
-70
-30
-69
-
-26
-
-
-
dB
dB
dB
dB
dB
dB
Other Characteristics for RL = 16 or 10 k
Output Parameters
Modulation Index (MI)
(Note 4)
Analog Gain Multiplier (G)
-
-
0.6787
0.6047
-
-
-
-
0.6787
0.6047
-
-
V/V
V/V
Full-scale Output Voltage (2•G•MI•VA) (Note 4)
Refer to Table “Headphone Output Power Characteris-
tics” on page 14
Vpp
Full-scale Output Power (Note 4)
Refer to Table “Headphone Output Power Characteristics” on
page 14
Interchannel Isolation (1 kHz)
16
10 k
-
-
80
95
-
-
-
-
80
93
-
-
dB
dB
Speaker Amp to HP Amp Isolation
-
80
-
-
80
-
dB
Interchannel Gain Mismatch
-
0.1
0.25
-
0.1
0.25
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
AC-Load Resistance (RL)
(Note 5)
16
-
-
16
-
-
Load Capacitance (CL)
(Note 5)
-
-
150
-
-
150
pF


유사한 부품 번호 - CDB43L22

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB43L22 CIRRUS-CDB43L22 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
More results

유사한 설명 - CDB43L22

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS43L22 CIRRUS-CS43L22_10 Datasheet
695Kb / 66P
   Low Power, Stereo DAC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52 Datasheet
1Mb / 82P
   Low Power, Stereo CODEC w/Headphone & Speaker Amps
CS42L52 CIRRUS-CS42L52_08 Datasheet
1Mb / 82P
   2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
   Low Power Stereo Audio DAC With Headphone Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Cirrus Logic
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Realtek Semiconductor C...
ALC5626 REALTEK-ALC5626 Datasheet
931Kb / 55P
   I2S AUDIO DAC HEADPHONE AND STEREO CLASS-AB/D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com