전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4353-CNZR 데이터시트(PDF) 7 Page - Cirrus Logic

부품명 CS4353-CNZR
상세설명  3.3 V Stereo Audio DAC with 2 VRMS Line Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4353-CNZR 데이터시트(HTML) 7 Page - Cirrus Logic

Back Button CS4353-CNZR Datasheet HTML 3Page - Cirrus Logic CS4353-CNZR Datasheet HTML 4Page - Cirrus Logic CS4353-CNZR Datasheet HTML 5Page - Cirrus Logic CS4353-CNZR Datasheet HTML 6Page - Cirrus Logic CS4353-CNZR Datasheet HTML 7Page - Cirrus Logic CS4353-CNZR Datasheet HTML 8Page - Cirrus Logic CS4353-CNZR Datasheet HTML 9Page - Cirrus Logic CS4353-CNZR Datasheet HTML 10Page - Cirrus Logic CS4353-CNZR Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DS803PP1
7
CS4353
DAC ANALOG CHARACTERISTICS (COMMERCIAL - CNZ)
Test conditions (unless otherwise specified): TA = 25 °C; VCP = VA = 3.3 V; AOUT_REF = AGND = DGND =
CPGND = 0 V; VBIAS, +/-VFILT, and FLYP/N+/- capacitors as shown in Figure 3 on page 13; input test signal is a
997 Hz sine wave at 0 dBFS; measurement bandwidth 10 Hz to 20 kHz.
Notes: 2.
Measured between the AOUTx and AOUT_REF pins.
3.
One-half LSB of triangular PDF dither is added to data.
4.
Measured with the specified minimum AC-Load Resistance present on the AOUTx pins. Additional im-
pedance between the AOUTx pin and the load will lower the voltage delivered to the load.
5.
VPP is the controlling specification. VRMS specification valid for sine wave signals only.
Note that for sine wave signals:
6.
Measured with AOUT_REF connected directly to ground. Additional impedance between AOUT_REF
and ground will lower the AOUT_REF rejection.
7.
SDIN = 0. AOUT_REF input test signal is a 60 Hz, 50 mVpp sine wave. Measured by applying the test
signal into the AOUT_REF pin and measuring the resulting output amplitude on the AOUTx pin. Spec-
ification calculated by:
1_2VRMS = 0
1_2VRMS = 1
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Performance, Fs = 48, 96, and 192 kHz (Notes 2, 3)
Dynamic Range
24-bit
A-Weighted
unweighted
16-bit A-Weighted
unweighted
94
91
-
-
100
97
92
89
-
-
-
-
100
97
-
-
106
103
98
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-93
-77
-37
-93
-75
-29
-87
-71
-31
-
-
-
-
-
-
-
-
-
-
-93
-83
-43
-93
-75
-35
-87
-77
-37
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-Noise Ratio
(A-wt)
-
100
-
-
106
-
dB
Interchannel Isolation
(1 kHz)
-
115
-
-
115
-
dB
Analog Output (Note 2)
Full Scale AOUTx Output Voltage
(Notes 4, 5)
0.981.051.121.962.102.25
VRMS
2.77
2.97
3.17
5.54
5.94
6.36
Vpp
Max Current Draw from an AOUTx Pin
IOUTmax
-575
-
-
575-
µA
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Output Offset
-
±5
±8
-
±5
±8
mV
Gain Drift
-
100
-
-
100
-
ppm/°C
Output Impedance
ZOUT
-100
-
-
100-
AC-Load Resistance
RL
5-
-5-
-
k
Load Capacitance
CL
-
-
1000
-
-
1000
pF
AOUT_REF Rejection
(Notes 6, 7)
AOR
-40-
-40-
dB
Analog Reference Input
AOUT_REF Input Voltage
(Note 8)
--
0.2
-
-
0.2
Vpp
VRMS
Vpp
22
----------
=
AOR
dB
20 log
10
AOUT_REF
AOUT_REF
AOUTx
---------------------------------------------------------
⎝⎠
⎛⎞
=


유사한 부품 번호 - CS4353-CNZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4353-CNZR CIRRUS-CS4353-CNZR Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
More results

유사한 설명 - CS4353-CNZR

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4354 CIRRUS-CS4354 Datasheet
559Kb / 25P
   5 V Stereo DAC with 2 VRMS Ground-centered Output
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352_07 Datasheet
476Kb / 20P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
   24-bit I2S Audio DAC with 2 Vrms Output
logo
Texas Instruments
PCM5242 TI1-PCM5242 Datasheet
2Mb / 128P
[Old version datasheet]   Audio Stereo Differential-Output DAC
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
   2-VRMS Audio Line Driver With Adjustable Gain
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com