전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4382 데이터시트(PDF) 11 Page - Cirrus Logic

부품명 CS4382
상세설명  114 dB, 192 kHz 8-Channel D/A Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4382 데이터시트(HTML) 11 Page - Cirrus Logic

Back Button CS4382_08 Datasheet HTML 7Page - Cirrus Logic CS4382_08 Datasheet HTML 8Page - Cirrus Logic CS4382_08 Datasheet HTML 9Page - Cirrus Logic CS4382_08 Datasheet HTML 10Page - Cirrus Logic CS4382_08 Datasheet HTML 11Page - Cirrus Logic CS4382_08 Datasheet HTML 12Page - Cirrus Logic CS4382_08 Datasheet HTML 13Page - Cirrus Logic CS4382_08 Datasheet HTML 14Page - Cirrus Logic CS4382_08 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DS514F2
11
CS4382
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C® FORMAT
(For KQZ TA = -10°C to +70°C; VLC = 1.8 V to 5.5 V; Inputs: Logic 0 = GND, Logic 1 = VLC, CL =30pF)
Notes:
19. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
20. The acknowledge delay is based on MCLK and can limit the maximum transaction speed.
21.
for Single-Speed Mode,
for Double-Speed Mode,
for Quad-Speed Mode.
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
500
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 19)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc, trc
-1
µs
Fall Time SCL and SDA
tfc, tfc
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
(Note 20)
tack
-
(Note 21)
ns
15
256
Fs
×
---------------------
15
128
Fs
×
---------------------
15
64
Fs
×
------------------
SDA
SCL
001100
ADDR
AD0
R/W
Start
ACK
DATA
1-8
ACK
DATA
1-8
ACK
Stop
Note: If operation is a write, this byte contains the Memory Address Pointer, MAP.
Note 1
Figure 3. Control Port Timing - I²C Format


유사한 부품 번호 - CS4382_08

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4382-KQZ CIRRUS-CS4382-KQZ Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
1,023Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A-CQZ CIRRUS-CS4382A-CQZ Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
More results

유사한 설명 - CS4382_08

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com