전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB42324 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CDB42324
상세설명  10-In, 6-Out, 2 Vrms Audio CODEC
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42324 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CDB42324 Datasheet HTML 5Page - Cirrus Logic CDB42324 Datasheet HTML 6Page - Cirrus Logic CDB42324 Datasheet HTML 7Page - Cirrus Logic CDB42324 Datasheet HTML 8Page - Cirrus Logic CDB42324 Datasheet HTML 9Page - Cirrus Logic CDB42324 Datasheet HTML 10Page - Cirrus Logic CDB42324 Datasheet HTML 11Page - Cirrus Logic CDB42324 Datasheet HTML 12Page - Cirrus Logic CDB42324 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
DS721A6
9
CS42324
MUTEC2
12
Mute Control 2 (Output) - Active-low mute output can drive external circuitry to eliminate the
clicks and pops associated with any single-rail output. This pin will become a high-impedance out-
put during power-down mode or when an invalid MCLK to LRCK ratio is detected.
MUTEC3
13
Mute Control 3 (Output) - Active-low mute output can drive external circuitry to eliminate the
clicks and pops associated with any single-rail output. This pin will become a high-impedance out-
put during power-down mode or when an invalid MCLK to LRCK ratio is detected.
VCMBUF
14
VCMBUF (Output) - Internally buffered VCMDAC
VCMDAC
15
DAC Common-Mode Voltage (Output) - Filter connections for the DAC internal quiescent refer-
ence voltage.
VA_H
16
18
Analog High Voltage Power (Input) - Positive power for the internal output buffer section.
GNDH
17
Analog Ground (Input) - Ground reference for high-voltage section.
AOUT1A, AOUT1B
AOUT2A, AOUT2B
AOUT3A, AOUT3B
19, 20
21, 22
23, 24
DAC Analog Audio Outputs (Output) - The full-scale output level is specified in the DAC Analog
Characteristics specification table.
AIN5B, AIN5A
AIN4B, AIN4A
AIN3B, AIN3A
AIN2B, AIN2A
AIN1B, AIN1A
25, 26
27, 28
29, 30
31, 32
33, 34
Stereo Analog Inputs 1-5 (Input) - The full-scale input level is specified in the ADC Analog Char-
acteristics specification table.
RST
35
Reset (Input) - The device enters a low-power mode when this pin is driven low.
OVFL
36
ADC Overflow (Output) - Indicates an ADC overflow condition is present.
SDIN2
SDIN1
37
38
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
MCLK2
39
Master Clock 2 (Input) - Optional asynchronous clock source for the DAC’s delta-sigma modula-
tors.
LRCK2
40
Serial Port 2 Left/Right Clock (Input/Output) - Determines which channel, Left or Right, is cur-
rently active on the serial audio input data line.
SCLK2
41
Serial Port 2 Serial Bit Clock (Input/Output) - Serial bit clock for serial audio interface 2.
VD
42
Digital Power (Input) - Positive power for the internal digital section.
GND
43
Digital Ground (Input) - Ground reference for the internal digital section.
VL
44
Digital Interface Power (Input) - Determines the required signal level for the control and serial
port interfaces as shown in “I/O Power Rails” on page 12. Refer to the“Recommended Operating
Conditions” on page 13 for appropriate voltages.
SDOUT
45
Serial Audio Data Output (Output) - Output for two’s complement serial audio data.
SCLK1
46
Serial Port 1 Serial Bit Clock (Input/Output) - Serial bit clock for serial audio interface 1.
LRCK1
47
Serial Port 1 Left/Right Clock (Input/Output) - Determines which channel, Left or Right, is cur-
rently active on the serial audio output data line.
MCLK1
48
Master Clock 1 (Input) - Clock source for the ADC’s delta-sigma modulators. By default, this sig-
nal also clocks the DAC’s delta-sigma modulators.


유사한 부품 번호 - CDB42324

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB42325 CIRRUS-CDB42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
More results

유사한 설명 - CDB42324

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42406 CIRRUS-CS42406 Datasheet
986Kb / 50P
   24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
   Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
CS42436 CIRRUS-CS42436 Datasheet
1Mb / 66P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
CS42436 CIRRUS-CS42436_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 6-Out TDM CODEC
CS42436 CIRRUS-CS42436_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 6-out TDM CODEC
logo
Asahi Kasei Microsystem...
AK4753 AKM-AK4753 Datasheet
981Kb / 85P
   2-in, 4-out CODEC with DSP Functions
logo
Cirrus Logic
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com