전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM27C512V120 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FM27C512V120
상세설명  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C512V120 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FM27C512V120 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512V120 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512V120 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512V120 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512V120 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512V120 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512V120 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512V120 Datasheet HTML 9Page - Fairchild Semiconductor FM27C512V120 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
www.fairchildsemi.com
FM27C512 Rev. A
Functional Description (Continued)
are held at V
IL. Address pin A0 is held at VIL for the manufacturer’s
code, and held at VIH for the device code. The code is read on the
eight data pins, O0 –O 7 . Proper code access is only guaranteed
at 25
°C ±5°C.
ERASURE CHARACTERISTICS
The erasure characteristics of the device are such that erasure
begins to occur when exposed to light with wavelengths shorter
than approximately 4000 Angstroms (Å). It should be noted that
sunlight and certain types of fluorescent lamps have wavelengths
in the 3000Å–4000Å range.
The recommended erasure procedure for the EPROM is expo-
sure to short wave ultraviolet light which has a wavelength of
2537Å. The integrated dose (i.e., UV intensity x exposure time) for
erasure should be minimum of 15W-sec/cm2.
The EPROM should be placed within 1 inch of the lamp tubes
during erasure. Some lamps have a filter on their tubes which
should be removed before erasure
An erasure system should be calibrated periodically. The distance
from lamp to device should be maintained at one inch. The erasure
time increases as the square of the distance from the lamp (if
distance is doubled the erasure time increases by factor of 4).
Lamps lose intensity as they age. When a lamp is changed, the
distance has changed, or the lamp has aged, the system should
be checked to make certain full erasure is occurring. Incomplete
erasure will cause symptoms that can be misleading. Program-
mers, components, and even system designs have been errone-
ously suspected when incomplete erasure was the problem.
SYSTEM CONSIDERATION
The power switching characteristics of EPROMs require careful
decoupling of the devices. The supply current, I
CC, has three
segments that are of interest to the system designer: the standby
current level, the active current level, and the transient current
peaks that are produced by voltage transitions on input pins. The
magnitude of these transient current peaks is dependent on the
output capacitance loading of the device. The associated V
CC
transient voltage peaks can be suppressed by properly selected
decoupling capacitors. It is recommended that at least a 0.1
µF
ceramic capacitor be used on every device between V
CC and
GND. This should be a high frequency capacitor of low inherent
inductance. In addition, at least a 4.7
µF bulk electrolytic capacitor
should be used between V
CC and GND for each eight devices. The
bulk capacitor should be located near where the power supply is
connected to the array. The purpose of the bulk capacitor is to
overcome the voltage drop caused by the inductive effects of the
PC board traces.
Mode Selection
The modes of operation of the FM27C512 are listed in Table 1. A single 5V power supply is required in the read mode. All inputs are TTL
levels excepts for VPP and A9 for device signature.
TABLE 1. Mode Selection
Pins
CE/PGM
OE/VPP
VCC
Outputs
Mode
Read
V
IL
V
IL
5.0V
D
OUT
Output Disable
X (Note 13)
V
IH
5.0V
High Z
Standby
V
IH
X
5.0V
High Z
Programming
V
IL
12.75V
6.25V
D
IN
Program Verify
V
IL
V
IL
6.25V
D
OUT
Program Inhibit
V
IH
12.75V
6.25V
High Z
Note 13: X can be VIL or VIH.
TABLE 2. Manufacturer’s Identification Code
Pins
A0
A9
07
06
05
04
03
02
01
00
Hex
(10)
(24)
(19)
(18)
(17)
(16)
(15)
(13)
(12)
(11)
Data
Manufacturer Code
V
IL
12V
10001111
8F
Device Code
VIH
12V
10000101
85


유사한 부품 번호 - FM27C512V120

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM27C512V120 FAIRCHILD-FM27C512V120 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

유사한 설명 - FM27C512V120

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com