전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29015IROZ-T7 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL29015IROZ-T7
상세설명  Integrated Digital Ambient Light Sensor and Proximity Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29015IROZ-T7 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL29015IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29015IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29015IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29015IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29015IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29015IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29015IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29015IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29015IROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6522.0
October 31, 2008
Register Set
There are four registers that are available in the ISL29015. Table 1 summarizes their functions.
Command Register I 00(hex)
The first command register has the following functions:
1. Operation Mode: Bits 7, 6, and 5.These three bits
determines the operation mode of the device.
2. Bit 4 to 0 has been reserved to 0.
Command Register II 01(hex)
The second command register has the following functions:
1. Amplitude of IR driver current: Bits 7 and 6. This device
provides current source to drive an external IR LED. The
drive capability can be programmed through Bits 7 and 6.
For example, the device sources 100mA out of the IRDR
pin if Bits 7 and 6 are 0 during proximity sensing.
2. Modulation Frequency: Bits 5 and 4. These two bits set
the IR LED driver’s modulation frequency.
3. Resolution: Bits 3 and 2. Bits 3 and 2 determine the
ADC’s resolution and the number of clock cycles per
conversion in Internal Timing Mode. Changing the
number of clock cycles does more than just change the
resolution of the device. It also changes the integration
time, which is the period the device’s analog-to-digital
FIGURE 2. I2C WRITE TIMING DIAGRAM SAMPLE
START
W
A
A
A6 A5 A4 A3 A2 A1 A0 W
A R7 R6 R5 R4 R3 R2 R1 R0 A B7 B6 B5 B4 B3 B2 B1 B0
A
A
1
2
615
948
STOP
SDA DRIVEN BY MASTER
FUNCTIONS
REGISTER ADDRESS
DEVICE ADDRESS
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
I2C DATA
I2C SDA IN
I2C SDA OUT
I2C CLK IN
AA
34
5
7
8
9
2
3
4
6
7
8
1
2
3
5
67
9
A
TABLE 1. REGISTER SET
ADDR
REG NAME
BIT
7
6
5
4
3
2
1
0
DEFAULT
00h
COMMANDI
OP2
OP1
OP0
0
0
0
0
0
00h
01h
COMMANDII
IS1
IS0
FREQ1
FREQ0
RES1
RES0
RANGE1
RANGE0
00h
02h
DATALSB
D7
D6
D5
D4
D3
D2
D1
D0
00h
03h
DATAMSB
D15
D14
D13
D12
D11
D10
D9
D8
00h
TABLE 2. OPERATION MODE
BITS 7 TO 5
OPERATION
000
Power-down the device
001
ALS once
010
IR once
011
Proximity once
100
Reserved
101
ALS continuous
110
IR continuous
111
Proximity continuous
TABLE 3. CURRENT SOURCE CAPABILITY AT IRDR PIN
BITS 7: 6
IRDR PIN SOURCE CURRENT
00
100mA IR LED driver
01
50mA IR LED driver
10
25mA IR LED driver
11
12.5mA IR LED driver
TABLE 4. MODULATION FREQUENCY
BITS 5:4
MODULATION FREQUENCY
(kHz)
00
DC
01
N/A
10
N/A
11
360
ISL29015


유사한 부품 번호 - ISL29015IROZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29015IROZ-T7 RENESAS-ISL29015IROZ-T7 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
More results

유사한 설명 - ISL29015IROZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9800 AVAGO-APDS-9800 Datasheet
283Kb / 11P
   Integrated Ambient Light and Proximity Sensor
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Vishay Siliconix
VCNL4020 VISHAY-VCNL4020 Datasheet
219Kb / 16P
   Fully Integrated Proximity and Ambient Light Sensor
Rev. 1.1, 20-Jul-12
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
   Digital Proximity and Analog Ambient Light Sensor
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9950 AVAGO-APDS-9950 Datasheet
796Kb / 23P
   Digital Proximity, RGB and Ambient Light Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com