전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54065IRUZ-T 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL54065IRUZ-T
상세설명  1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54065IRUZ-T 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL54065IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54065IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6583.0
December 19, 2008
Pinout (Note 1)
ISL54065
(12 LD µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for EN = Logic “1” and INx = Logic “0”.
GND
V+
NC2
COM2
NO2
NC1
COM1
NO1
IN1
IN2
1
3
4
5
6
12
11
10
9
7
CP
2
EN
8
CLICK AND
POP
CIRCUITRY
Pin Descriptions
PIN
FUNCTION
V+
Supply Voltage(+1.8V to +6.5V). Decouple V+ to ground
by placing a 0.1µF capacitor at the V+ and GND supply
lines as near as the IC as possible.
GND
Ground Connection
INx
Input Select Pin
EN
Switch Enable Pin
COMx
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
CP
Click and Pop Circuitry Enable Pin
Truth Table
EN
IN1
IN2
NC1
NC2
NO1
NO2
0X
X
OFF
OFF
OFF
OFF
1
0
0
ON
ON
OFF
OFF
1
0
1
ON
OFF
OFF
ON
110
OFF
ON
ON
OFF
1
1
1
OFF
OFF
ON
ON
NOTE: Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Ordering Information
PART NUMBER
(Note)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54065IRUZ-T*
GG
-40 to +85
12 Ld Thin µTQFN (Tape and Reel)
L12.2.2x1.4A
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and
NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54065


유사한 부품 번호 - ISL54065IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
719Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
logo
Renesas Technology Corp
ISL54065IRUZ-T RENESAS-ISL54065IRUZ-T Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
More results

유사한 설명 - ISL54065IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
logo
Intersil Corporation
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
719Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060 Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com