전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL32272EFBZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL32272EFBZ
상세설명  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32272EFBZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL32272EFBZ Datasheet HTML 1Page - Intersil Corporation ISL32272EFBZ Datasheet HTML 2Page - Intersil Corporation ISL32272EFBZ Datasheet HTML 3Page - Intersil Corporation ISL32272EFBZ Datasheet HTML 4Page - Intersil Corporation ISL32272EFBZ Datasheet HTML 5Page - Intersil Corporation ISL32272EFBZ Datasheet HTML 6Page - Intersil Corporation ISL32272EFBZ Datasheet HTML 7Page - Intersil Corporation ISL32272EFBZ Datasheet HTML 8Page - Intersil Corporation ISL32272EFBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN6824.0
ISL32172E, ISL32272E, ISL32372E, ISL32174E,
ISL32274E, ISL32374E, ISL32179E
QUAD, ±16.5kV ESD Protected, 3.0V
to 5.5V, Low Power, RS-422 Transmitters
The Intersil ISL32x7xE are ±16.5kV IEC61000-4-2 ESD
Protected, 3.0V to 5.5V powered, QUAD transmitters for
balanced communication using the RS-422 standard. These
drivers have very low output leakage currents (±10µA), so
they present a low load to the RS-422 bus.
Driver (Tx) outputs are tri-statable, and incorporate a hot
plug feature to keep them disabled during power-up and
down. Versions are available with a common EN/
EN
(‘172 pinout), a two channel EN12/EN34 (‘174 pinout), or a
versatile combination of individual and group channel
enables (see Table 1).
The ISL32372E, ISL32374E utilize slew rate limited drivers
which reduce EMI, and minimize reflections from improperly
terminated transmission lines, or from unterminated stubs in
multidrop and multipoint applications. Drivers on the other
versions are not limited, so they can achieve the 10Mbps or
32Mbps data rates. All versions are offered in Industrial and
Extended Industrial (-40°C to +125°C) temperature ranges.
A 50% smaller footprint (compared to the TSSOP) is
available with the ISL32179E’s QFN package. This device
also features a logic supply pin (VL), that sets the switching
points of the enable and DI inputs to be compatible with a
lower supply voltage in mixed voltage systems. Two speed
select pins allow the ISL32179E user to select from three
slew rate options for 460kbps, 10Mbps, or 32Mbps data
rates. Individual channel and group enable pins increase the
ISL32179E’s flexibility.
Features
• IEC61000 ESD Protection on RS-422 Outputs . . ±16.5kV
- Class 3 ESD Level on all Other Pins . . . . . . 12kV HBM
- High Machine Model ESD Level on all Pins . . . . . 700V
• Wide Supply Range . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Specified for +125°C Operation
• Available in Industry Standard Pinouts (‘172/’174) or in a
Space Saving QFN (ISL32179E) with Added Features
• Logic Supply Pin (VL) Eases Operation in Mixed Supply
Systems (ISL32179E Only)
• User Selectable Data Rate (ISL32179E Only)
• Hot Plug - Tx Outputs Remain Three-state During
Power-up and Power-Down
• Low Tx Leakage Allows > 256 Devices on the Bus
• High Data Rates . . . . . . . . . . . . . . . . . . . . . up to 32Mbps
• Low Quiescent Supply Current . . . . . . . . . . 0.8mA (Max)
- Low Shutdown Supply Current . . . . . . . . . . . . . . . 60µA
• Current Limiting and Thermal Shutdown for Driver
Overload Protection
• Tri-statable Tx Outputs
• 5V Tolerant Logic Inputs When VCC ≤ 5V
• Pb-free (RoHS compliant)
Applications
• Telecom Equipment
• Motor Controllers / Encoders
• Programmable Logic controllers
• Industrial/Process Control Networks
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
FUNCTION
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
HOT
PLUG?
VL PIN?
TX
ENABLE
TYPE
QUIESCENT
ICC (mA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL32172E
4 Tx
32
NO
YES
NO
EN, EN
<1
NO
16
ISL32272E
4 Tx
10
NO
YES
NO
EN, EN
<1
NO
16
ISL32372E
4 Tx
0.46
YES
YES
NO
EN, EN
<1
NO
16
ISL32174E
4 Tx
32
NO
YES
NO
EN12, EN34
<1
NO
16
ISL32274E
4 Tx
10
NO
YES
NO
EN12, EN34
<1
NO
16
ISL32374E
4 Tx
0.46
YES
YES
NO
EN12, EN34
<1
NO
16
ISL32179E
4 Tx
32, 10, 0.46
SELECTABLE
YES
YES
INDIV. AND
GROUP
ENABLES
<1
YES
24
Data Sheet
December 16, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL32272EFBZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32272EFBZ RENESAS-ISL32272EFBZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32272EFBZ-T RENESAS-ISL32272EFBZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results

유사한 설명 - ISL32272EFBZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com