전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVC6T622PWR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AVC6T622PWR
상세설명  AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC6T622PWR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74AVC6T622PWR Datasheet HTML 5Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 6Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 7Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 8Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 9Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 10Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 11Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 12Page - Texas Instruments SN74AVC6T622PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OUTPUT SLEW RATES
(1)
TYPICAL SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74AVC6T622
www.ti.com ......................................................................................................................................................................................... SCES706 – SEPTEMBER 2008
over recommended operating free-air temperature range (unless otherwise noted)
VCCA = 1.8 V ± 0.15 V,
VCCB = 3 V ± 0.3 V
PARAMETER
FROM
TO
UNIT
MIN
MAX
tr
10%
90%
3(2)
ns
tf
90%
10%
3(2)
ns
(1)
Values are characterized, but not production tested.
(2)
Using CL = 15 pF on the B side and CL = 7 pF on the A side
TA = 25°C, VCCA = 1.2 V (see Figure 2)
VCCB =
VCCB =
VCCB =
VCCB =
VCCB =
VCCB =
FROM
TO
1.2 V
1.5 V
1.8 V
2.5 V
3 V
3.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
TYP
A
B
3.8
3
2.6
2.5
2.5
2.6
B
A
4.6
4.2
4
3.9
3.9
3.8
tpd
A6
B6
3.8
3
2.6
2.5
2.5
2.6
ns
A2
B2
3.8
3
2.6
2.5
2.5
2.6
B2
A2
4.6
4.2
4
3.9
3.9
3.8
B
4.8
4
3.7
3.4
3.4
3.4
ten
(1)
DIR
ns
A
4.5
4.4
5
5.4
5.4
5.4
B
6.3
5.2
5.6
4.8
4.8
6.1
tdis
(1)
DIR
ns
A
4.8
4.6
5.3
5.4
5.4
5.3
(1)
DIR refers to DIR2, DIR1, and DIR(345).
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 2)
VCCB =
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3 V
VCCB = 3.3 V
TO
FROM
1.2 V
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.3 V
PARAMETER
(OUTPUT
UNIT
(INPUT)
)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
3.4
1.1
5.6
1
4.8
1
3.9
0.9
3.9
0.9
3.8
B
A
3.8
1.4
6
1.3
5.6
1.3
5.2
0.5
5.2
0.3
5.2
tpd
A6
B6
3.4
1.1
5.6
1
4.8
1
3.9
0.9
3.9
0.9
3.8
ns
A2
B2
3.4
1.1
5.6
1
4.8
1
3.9
0.9
3.9
0.9
3.8
B2
A2
3.8
1.4
6
1.3
5.6
1.3
5.2
0.5
5.2
0.3
5.2
B
4
1.3
7.7
1.1
6.9
0.8
6.1
0.8
6
0.8
5.9
ten
(1)
DIR
ns
A
3.5
1.4
7
1.5
7.4
1.7
8.2
1.7
8.2
1.7
7.7
B
5.7
1.9
8.9
2.1
10.4
1.8
8.7
1.7
8.5
2.4
11.4
tdis
(1)
DIR
ns
A
3.4
1.2
7
1.2
6.8
1.2
6.9
1.2
6.5
1.2
6.6
(1)
DIR refers to DIR2, DIR1, and DIR(345).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AVC6T622


유사한 부품 번호 - SN74AVC6T622PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC TI-SN74AVC Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC TI-SN74AVC Datasheet
5Mb / 794P
[Old version datasheet]   Pocket Data Book
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC16244 TI-SN74AVC16244 Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16244DGGR TI-SN74AVC16244DGGR Datasheet
303Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AVC6T622PWR

제조업체부품명데이터시트상세설명
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
   AC 97 Audio Touchpanel CODEC
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Analog Devices
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com