전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RCLAMP0504F.TCT 데이터시트(PDF) 3 Page - Semtech Corporation

부품명 RCLAMP0504F.TCT
상세설명  RailClamp짰 Low Capacitance TVS Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0504F.TCT 데이터시트(HTML) 3 Page - Semtech Corporation

  RCLAMP0504F.TCT Datasheet HTML 1Page - Semtech Corporation RCLAMP0504F.TCT Datasheet HTML 2Page - Semtech Corporation RCLAMP0504F.TCT Datasheet HTML 3Page - Semtech Corporation RCLAMP0504F.TCT Datasheet HTML 4Page - Semtech Corporation RCLAMP0504F.TCT Datasheet HTML 5Page - Semtech Corporation RCLAMP0504F.TCT Datasheet HTML 6Page - Semtech Corporation RCLAMP0504F.TCT Datasheet HTML 7Page - Semtech Corporation RCLAMP0504F.TCT Datasheet HTML 8Page - Semtech Corporation RCLAMP0504F.TCT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
© 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0504F
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e-t
td = IPP/2
Waveform
Parameters:
tr = 8µs
td = 20µs
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (
μs)
Capacitance vs. Reverse Voltage
(Normalized to 0V)
Forward Voltage vs. peak Pulse Current
0
1
2
3
4
5
6
7
8
0
1
234
56
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
5
10
15
20
25
012
345
6
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
Pin 1, 3, 4,
or 6 to pin 2
Pin 5 to pin 2
0
0.5
1
1.5
2
012345
Reverse Voltage - VR (V)
Any I/O Pin
to Pin 2
f = 1MHz


유사한 부품 번호 - RCLAMP0504F.TCT

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
RCLAMP0504FA SEMTECH-RCLAMP0504FA Datasheet
160Kb / 9P
   RailClamp짰Low Capacitance TVS Array
RCLAMP0504FATCT SEMTECH-RCLAMP0504FATCT Datasheet
160Kb / 9P
   RailClamp짰Low Capacitance TVS Array
logo
TECH PUBLIC Electronics...
RCLAMP0504FATCT TECHPUBLIC-RCLAMP0504FATCT Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
logo
Semtech Corporation
RCLAMP0504FB SEMTECH-RCLAMP0504FB Datasheet
571Kb / 7P
   Low Capacitance RClamp짰 5V TVS for ESD & EOS Protection
RClamp0504FBTCT SEMTECH-RClamp0504FBTCT Datasheet
571Kb / 7P
   Low Capacitance RClamp짰 5V TVS for ESD & EOS Protection
More results

유사한 설명 - RCLAMP0504F.TCT

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
RCLAMP0502A SEMTECH-RCLAMP0502A Datasheet
141Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0854P SEMTECH-RCLAMP0854P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP1654P SEMTECH-RCLAMP1654P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504S SEMTECH-RCLAMP0504S Datasheet
211Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP3654P SEMTECH-RCLAMP3654P Datasheet
205Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
SRDA3.3-4 SEMTECH-SRDA3.3-4 Datasheet
179Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504P SEMTECH-RCLAMP0504P Datasheet
211Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com