전자부품 데이터시트 검색엔진 |
|
GXP5W 데이터시트(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
GXP5W 데이터시트(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 4 page www.baumerivo.com www.baumerivo.com Absolute encoders - bus interfaces www.baumerivo.com 2 GXP5W - CANopen Part number GXP5W. 10 Interface 05 CANopen Lift DSP 417/ galvanically isolated 06 CANopen DSP 406 / galvanically isolated 15 CANopen Lift DSP 417 not galvanically isolated 16 CANopen DSP 406 not galvanically isolated E-connection A3 Connector M23, 12-pin, radial D3 Connector D-SUB, 9-pin, radial M1 Connector M12, 5-pin, radial M2 2 x connector M12, 5-pin axial M3 2 x connector M12, 5-pin radial Voltage supply 10 10...30 VDC Flange / Shaft 0 Clamping flange / ø10 mm IP 54 A Clamping flange / ø10 mm IP 65 1 Synchro flange / ø6 mm IP 54 B Synchro flange / ø6 mm IP 65 Shaft with clamping or synchro flange Optical multiturn encoders 13 bit ST / 16 bit MT, CANopen Accessories Connectors and cables (page %S) Z 148.001 Female connector M23, 12-pin, less cable Z 148.003 Female connector M23, 12-pin, 2 m cable Z 148.005 Female connector M23, 12-pin, 5 m cable Z 148.007 Female connector M23, 12-pin, 10 m cable Z 180.003 Female connector M12, 5-pin, 2 m cable Z 180.005 Female connector M12, 5-pin, 5 m cable Z 180.007 Female connector M12, 5-pin, 10 m cable Z 181.005 Cable connector M12, 5-pin, 5 m cable Connection M2 / M3, continuative bus Mounting accessories (page %S) Z 119.006 Eccentric fixing, single Z 119.013 Adaptor plate for clamping flange for modification into synchro flange Z 119.015 Mounting adaptor for synchro flange Z 119.017 Mounting angle for clamping flange Z 119.035 Bearing flange for encoders with synchro flange |
유사한 부품 번호 - GXP5W |
|
유사한 설명 - GXP5W |