전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GXP5S.F10M116 데이터시트(PDF) 2 Page - Baumer IVO GmbH & Co. KG

부품명 GXP5S.F10M116
상세설명  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IVO [Baumer IVO GmbH & Co. KG]
홈페이지  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXP5S.F10M116 데이터시트(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GXP5S.F10M116 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXP5S.F10M116 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXP5S.F10M116 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXP5S.F10M116 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - bus interfaces
www.baumerivo.com
2
GXP5S - CANopen
Part number
GXP5S.
10
Interface
06 CANopen DSP 406 /
galvanically isolated
16 CANopen DSP 406 not
galvanically isolated
E-connection
A3 Connector M23, 12-pin, radial
M1 Connector M12, 5-pin, radial
Voltage supply
10 10...30 VDC
End shaft
0 End shaft ø12 mm without pin
1 End shaft ø12 mm with pin 15 mm
B End shaft ø12 mm with pin 9.5 mm
4 End shaft ø14 mm without pin
5 End shaft ø14 mm with pin 15 mm
F End shaft ø14 mm with pin 9.5 mm
End shaft max. ø14 mm
Optical multiturn encoders 13 bit ST / 16 bit MT, CANopen
Accessories
Connectors and cables (page %S)
Z 148.001
Female connector M23, 12-pin, less cable
Z 148.003
Female connector M23, 12-pin, 2 m cable
Z 148.005
Female connector M23, 12-pin, 5 m cable
Z 148.007
Female connector M23, 12-pin, 10 m cable
Z 180.003
Female connector M12, 5-pin, 2 m cable
Z 180.005
Female connector M12, 5-pin, 5 m cable
Z 180.007
Female connector M12, 5-pin, 10 m cable
Mounting accessories (page %S)
Z 119.024
Torque support and spring washer for
encoders with 9.5 mm pin
Z 119.041
Torque support by rubber buffer element for
encoders with 15 mm pin
Z 119.050
Spring coupling
Z 119.053
Spring coupling height 19.1 mm
Z 119.070
Spring coupling height 29.1 mm
Z 119.072
Spring coupling for encoders with ø58 mm
housing, hole distance 73 mm
Z 119.073
Spring coupling for encoders with ø58 mm
housing, hole distance 68 mm
Z 119.076
Spring coupling for encoders with ø58 mm
housing
Z 119.082
Spring coupling for encoders with ø58 mm
housing, hole distance 63 mm


유사한 부품 번호 - GXP5S.F10M116

제조업체부품명데이터시트상세설명
logo
Ruilongyuan Electronics...
GXP50 RUILON-GXP50 Datasheet
630Kb / 5P
   2-electrode Spark Gap
GXP55 RUILON-GXP55 Datasheet
630Kb / 5P
   2-electrode Spark Gap
logo
Baumer IVO GmbH & Co. K...
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GXP5W.010A306 IVO-GXP5W.010A306 Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GXP5W.010A315 IVO-GXP5W.010A315 Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
More results

유사한 설명 - GXP5S.F10M116

제조업체부품명데이터시트상세설명
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com