전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GXP6W.110A001 데이터시트(PDF) 2 Page - Baumer IVO GmbH & Co. KG

부품명 GXP6W.110A001
상세설명  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IVO [Baumer IVO GmbH & Co. KG]
홈페이지  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXP6W.110A001 데이터시트(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GXP6W.110A001 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXP6W.110A001 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXP6W.110A001 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXP6W.110A001 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - bus interfaces
www.baumerivo.com
2
GXP6W
Part number
GXP6W.
10
01
Interface
01 Interbus K3
E-connection
A0 M23 connector, 2 x 9-pin axial
A1 M23 connector, 2 x 9-pin radial
20 Bus cover with cable gland
Voltage supply
10 10...30 VDC, galvanically isolated
Flange / Shaft
0 Clamping flange / ø10 mm IP 54
A Clamping flange / ø10 mm IP 65
1 Synchro flange / ø6 mm IP 54
B Synchro flange / ø6 mm IP 65
Shaft with clamping or synchro flange
Multiturn encoder 13 bit ST / 12 bit MT, Interbus
Accessories
Connectors and cables (page %S)
Z 153.B01
Mating connector M23, 9-pin, less cable
Z 153.S01
Cable connector M23, 9-pin, less cable
Mounting accessories (page %S)
Z 119.006
Eccentric fixing, single
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.015
Mounting adaptor for synchro flange
Z 119.017
Mounting angle for clamping flange
Z 119.025
Adaptor plate for clamping flange, mounting
by eccentric fixings (order separately)
Z 119.035
Bearing flange for encoders with synchro
flange
Bus protocol
Interbus
Device profile
Encoder profile 71
Connection
IB user type
2 wire remote bus
IB bus width
4 byte
PCP length
No parameter channel
ID-Code
55
Interface
Type A1
2 wire remote bus (galvanically isolated)
Type W1
2 wire remote bus
Programmable
– Resolution steps and revolutions
parameters
– Rotating direction and code
– Preset
– Zero point shift
– Offset
– Measuring range
– Encoder reset
Interbus features


유사한 부품 번호 - GXP6W.110A001

제조업체부품명데이터시트상세설명
logo
Ruilongyuan Electronics...
GXP60 RUILON-GXP60 Datasheet
630Kb / 5P
   2-electrode Spark Gap
GXP65 RUILON-GXP65 Datasheet
630Kb / 5P
   2-electrode Spark Gap
logo
Baumer IVO GmbH & Co. K...
GXP6H IVO-GXP6H Datasheet
616Kb / 4P
   Absolute encoders - bus interfaces
GXP6H.210A101 IVO-GXP6H.210A101 Datasheet
616Kb / 4P
   Absolute encoders - bus interfaces
More results

유사한 설명 - GXP6W.110A001

제조업체부품명데이터시트상세설명
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com