전자부품 데이터시트 검색엔진 |
|
NE212 데이터시트(PDF) 1 Page - Baumer IVO GmbH & Co. KG |
|
NE212 데이터시트(HTML) 1 Page - Baumer IVO GmbH & Co. KG |
1 / 4 page www.baumerivo.com Preset counters electronic 1 www.baumerivo.com www.baumerivo.com NE212 - LED Preset counter Features Preset counter with two presets – Display batch counter, main counter: 6-digits – Display totalizer: 8-digits – Batch counter, totalizer, hour counter – Operating mode, start count, scaling factor – programmable Connection: Incremental encoder or digital sensors – Preset mode programmable – Interface RS232, RS422 or RS485 – NE212 2 presets, totalizer and batch counter Display LED, 8-digits, programmable Technical data - electrical ratings Voltage supply 22...50 VAC (50/60 Hz) 85...265 VAC (50/60 Hz) 24 VDC ±10 % Power consumption 15 VA, 8 W Sensor supply 24 VDC ±20 % / max. 200 mA Display LED, 7-segment display Number of digits 8-digits - totalizer 6-digits - main counter, batch counter, tachometer, hour counter Digit height 7.6 mm Function Preset counter Main counter with 2 presets Batch counter with 1 preset Totalizer Hour counter Scaling factor 0.0001...9999.99 Multitplier / batch counter 1...99 Count modes Adding or subtracting A-B (difference counting) A+B total (parallel counting) Up/Down A 90° B phase evaluation Counting frequency 15 Hz, 25 Hz, 10 kHz programmable Operating modes Step preset, Main preset, Parallel alignment, Trailing preset Data memory >10 years in EEPROM Reset Button, electric or automatic Outputs electronic NPN / PNP transistor switch Outputs relay Potential-free change-over contact for main counter Normally open/closed potential- free for B1 Output holding time 0.01...99.99 s Technical data - mechanical design Operating temperature 0...+50 °C Storing temperature -20...+70 °C Relative humidity 80 % non-condensing E-connection Plug-in screw terminals Core cross-section 1.5 mm² Protection DIN EN 60529 IP 65 face with seal Operation / keypad 10 figure keypad with 5 function keys Housing type Built-in housing Dimensions W x H x L 72 x 72 x 108 mm Installation depth 108 mm Mounting Clip frame Cutout dimensions 68 x 68 mm (+0.7) Materials Housing: Makrolon 6485 (PC) Keypad: Polyester Weight approx. 320 g Technical data - electrical ratings Interfaces RS232, RS422, RS485 Standard DIN EN 61010-1 Protection class II Overvoltage category II Pollution degree 2 Emitted interference DIN EN 61000-6-4 Interference immunity DIN EN 61000-6-2 Programmable parameters Operating modes Sensor logic Scaling factor Count mode Control inputs Approvals UL/cUL, CE conform |
유사한 부품 번호 - NE212 |
|
유사한 설명 - NE212 |