전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD12C.TCT 데이터시트(PDF) 1 Page - Semtech Corporation

부품명 SD12C.TCT
상세설명  Single Line TVS Diode for ESD Protection in Portable Electronics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD12C.TCT 데이터시트(HTML) 1 Page - Semtech Corporation

  SD12C.TCT Datasheet HTML 1Page - Semtech Corporation SD12C.TCT Datasheet HTML 2Page - Semtech Corporation SD12C.TCT Datasheet HTML 3Page - Semtech Corporation SD12C.TCT Datasheet HTML 4Page - Semtech Corporation SD12C.TCT Datasheet HTML 5Page - Semtech Corporation SD12C.TCT Datasheet HTML 6Page - Semtech Corporation SD12C.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SD05C through SD24C
Single Line TVS Diode for ESD
Protection in Portable Electronics
Description
Features
Schematic & PIN Configuration
Revision 07/06/04
Applications
Mechanical Characteristics
The SDxxC TVS diodes are designed to replace multi-
layer varistors (MLVs) in portable applications such as
cell phones, notebook computers, and PDA’s. They
offer superior electrical characteristics such as lower
clamping voltage and no device degradation when
compared to MLVs. The SDxxC series TVS diodes are
designed to protect sensitive semiconductor compo-
nents from damage or upset due to electrostatic
discharge (ESD) and other voltage induced transient
events.
The SDxxC is in a SOD-323 package and will protect
one bidirectional line. They are available with working
voltages of 5 - 24 volts. These devices will fit on the
same PCB pad area as an 0805 MLV device. They give
the designer the flexibility to protect one line in applica-
tions where arrays are not practical. Additionally, it
may be “sprinkled” around the board in applications
where board space is at a premium.
They may may be used to meet the ESD immunity
requirements of IEC 61000-4-2, Level 4 (±15kV air,
±8kV contact discharge).
350 Watts peak pulse power (t
p = 8/20µs)
Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20µs)
Small package for use in portable electronics
Suitable replacement for MLV’s in ESD protection
applications
Protects one I/O or power line
Low clamping voltage
Working voltages: 5V, 12V, 15V, 24V
Low leakage current
Solid-state silicon avalanche technology
EIAJ SOD-323 package
Molding compound flammability rating: UL 94V-0
Marking : Marking code
Packaging : Tape and Reel per EIA 481
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Pagers
Peripherals
SOD-323 (Top View)
12


유사한 부품 번호 - SD12C.TCT

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SD12C.TCT SEMTECH-SD12C.TCT Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
More results

유사한 설명 - SD12C.TCT

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com