전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1088 데이터시트(PDF) 2 Page - Mospec Semiconductor

부품명 2SD1088
상세설명  POWER TRANSISTORS(6A,250V,30W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SD1088 데이터시트(HTML) 2 Page - Mospec Semiconductor

  2SD1088 Datasheet HTML 1Page - Mospec Semiconductor 2SD1088 Datasheet HTML 2Page - Mospec Semiconductor 2SD1088 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A


유사한 부품 번호 - 2SD1088

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SD1088 WINGS-2SD1088 Datasheet
62Kb / 1P
   SILICON NPN TRIPLE DIFFUSED TRANSISTOR(GENERAL DESCRIPTION)
logo
Inchange Semiconductor ...
2SD1088 ISC-2SD1088 Datasheet
141Kb / 5P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1088 SAVANTIC-2SD1088 Datasheet
163Kb / 5P
   Silicon NPN Power Transistors
2SD1088 SAVANTIC-2SD1088 Datasheet
170Kb / 5P
   Silicon NPN Power Transistors
logo
First Components Intern...
2SD1088 FCI-2SD1088 Datasheet
173Kb / 3P
   High Voltage Darlington Power Transistor
More results

유사한 설명 - 2SD1088

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2SD798 MOSPEC-2SD798 Datasheet
131Kb / 3P
   POWER TRANSISTORS(6A,300V,30W)
logo
Rohm
RD3U060CN ROHM-RD3U060CN Datasheet
2Mb / 15P
   Nch 250V 6A Power MOSFET
logo
Weidmuller
2838400000 WEIDMULLER-2838400000 Datasheet
730Kb / 5P
   PRO BAS 30W 5V 6A
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
2SD313 MOSPEC-2SD313 Datasheet
115Kb / 3P
   POWER TRANSISTORS(3A,60V,30W)
MJE2360T MOSPEC-MJE2360T Datasheet
84Kb / 2P
   POWER TRANSISTORS(0.5A,350V,30W)
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
   POWER TRANSISTORS(3.0A,60V,30W)
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
   POWER TRANSISTORS(3A,60V,30W)
2SB596 MOSPEC-2SB596 Datasheet
119Kb / 3P
   POWER TRANSISTORS(4.0A,80V,30W)
2SB507 MOSPEC-2SB507 Datasheet
112Kb / 3P
   POWER TRANSISTORS(3.0A,60V,30W)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com