전자부품 데이터시트 검색엔진 |
|
DAC5311 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
DAC5311 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 41 page ABSOLUTE MAXIMUM RATINGS (1) DAC5311 DAC6311 DAC7311 SBAS442 – AUGUST 2008 ................................................................................................................................................................................................ www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION(1) MAXIMUM MAXIMUM RELATIVE DIFFERENTIAL SPECIFIED ACCURACY NONLINEARITY PACKAGE- PACKAGE TEMPERATURE PACKAGE PRODUCT (LSB) (LSB) LEAD DESIGNATOR RANGE MARKING DAC5311 ±0.25 ±0.25 SC70-6 DCK –40°C to 125°C D53 DAC6311 ±0.5 ±0.5 SC70-6 DCK –40°C to 125°C D63 DAC7311 ±1 ±1 SC70-6 DCK –40°C to 125°C D73 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. PARAMETER VALUE UNIT AVDD to GND –0.3 to +6 V Digital input voltage to GND –0.3 to +AVDD +0.3 V AVOUT to GND –0.3 to +AVDD +0.3 V Operating temperature range –40 to +125 °C Storage temperature range –65 to +150 °C Junction temperature (TJ max) +150 °C Power dissipation (TJ max – TA)/θJA W θ JA thermal impedance 250 °C/W (1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for extended periods may affect device reliability. 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): DAC5311 DAC6311 DAC7311 |
유사한 부품 번호 - DAC5311 |
|
유사한 설명 - DAC5311 |