전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320CC6713GJC20EP 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SM320CC6713GJC20EP
상세설명  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SM320CC6713GJC20EP 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SM320CC6713GJC20EP Datasheet HTML 4Page - Texas Instruments SM320CC6713GJC20EP Datasheet HTML 5Page - Texas Instruments SM320CC6713GJC20EP Datasheet HTML 6Page - Texas Instruments SM320CC6713GJC20EP Datasheet HTML 7Page - Texas Instruments SM320CC6713GJC20EP Datasheet HTML 8Page - Texas Instruments SM320CC6713GJC20EP Datasheet HTML 9Page - Texas Instruments SM320CC6713GJC20EP Datasheet HTML 10Page - Texas Instruments SM320CC6713GJC20EP Datasheet HTML 11Page - Texas Instruments SM320CC6713GJC20EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 123 page
background image
SM320C6713-EP
SM320C6713B-EP
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008
www.ti.com
Table 3-1. Terminal Assignments for 272-Ball GDP Package (in Order of Ball No.) (continued)
BALL NO.
SIGNAL NAME
BALL NO.
SIGNAL NAME
F4
CVDD
K12
VSS
F17
CVDD
K17
CVDD
F18
HDS2/AXR1[5]
K18
ED0
F19
VSS
K19
ED1
F20
HCS/AXR1[2]
K20
VSS
G1
TOUT0/AXR0[2]
L1
FSX1
G2
TINP0/AXR0[3]
L2
DX1/AXR0[5]
G3
CLKX0/ACLKX0
L3
CLKX1/AMUTE0
G4
VSS
L4
CVDD
G17
VSS
L9
VSS
G18
HCNTL0/AXR1[3]
L10
VSS
G19
HCNTL1/AXR1[1]
L11
VSS
G20
HR/W/AXR1[0]
L12
VSS
H1
FSX0/AFSX0
L17
CVDD
H2
DX0/AXR0[1]
L18
ED2
H3
CLKR0/ACLKR0
L19
ED3
H4
VSS
L20
CVDD
H17
VSS
M1
CLKR1/AXR0[6]
H18
DVDD
M2
DR1/SDA1
H19
HRDY/ACLKR1
M3
FSR1/AXR0[7]
H20
HHWIL/AFSR1
M4
VSS
J1
DR0/AXR0[0]
M9
VSS
J2
DVDD
M10
VSS
J3
FSR0/AFSR0
M11
VSS
J4
VSS
M12
VSS
J9
VSS
M17
VSS
J10
VSS
M18
DVDD
J11
VSS
M19
ED4
J12
VSS
M20
ED5
N1
SCL0
U9
VSS
N2
SDA0
U10
CVDD
N3
ED31
U11
CVDD
N4
VSS
U12
DVDD
N17
VSS
U13
VSS
N18
ED6
U14
CVDD
N19
ED7
U15
CVDD
N20
ED8
U16
DVDD
P1
ED28
U17
VSS
P2
ED29
U18
EA21
P3
ED30
U19
BE1
P4
VSS
U20
VSS
P17
VSS
V1
ED20
P18
ED9
V2
ED19
P19
VSS
V3
CVDD
P20
ED10
V4
ED16
R1
DVDD
V5
BE3
R2
ED27
V6
CE3
R3
ED26
V7
EA3
R4
CVDD
V8
EA5
R17
CVDD
V9
EA8
R18
DVDD
V10
EA10
DEVICE INFORMATION
8
Submit Documentation Feedback


유사한 부품 번호 - SM320CC6713GJC20EP

제조업체부품명데이터시트상세설명
logo
UNIOHM CORPORATION
SM320C UNIOHM-SM320C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320C SECOS-SM320C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320C TAYCHIPST-SM320C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
   VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM320C GWSEMI-SM320C Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SM320CC6713GJC20EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com