전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX86SJ 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 74LCX86SJ
상세설명  Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX86SJ 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button 74LCX86SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 9Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 10Page - Fairchild Semiconductor 74LCX86SJ Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX86 Rev. 1.5.0
9
Physical Dimensions (Continued)
Figure 4. 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/


유사한 부품 번호 - 74LCX86SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX86SJ FAIRCHILD-74LCX86SJ Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX86SJ ONSEMI-74LCX86SJ Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
More results

유사한 설명 - 74LCX86SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX86 STMICROELECTRONICS-74LVX86 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS
74LCX86 STMICROELECTRONICS-74LCX86 Datasheet
243Kb / 15P
   Low voltage CMOS quad Exclusive OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com