전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL4503SVM 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 HCPL4503SVM
상세설명  High Speed Transistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503SVM 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button HCPL4503SVM Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503SVM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503SVM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503SVM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503SVM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503SVM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503SVM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503SVM Datasheet HTML 9Page - Fairchild Semiconductor HCPL4503SVM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL4503M Rev. 1.0.3
8
Ordering Information
Marking Information
Option
Example Part Number
Description
No Option
HCPL4503M
Standard Through Hole
S
HCPL4503SM
Surface Mount Lead Bend
SD
HCPL4503SDM
Surface Mount; Tape and Reel
T
HCPL4503TM
0.4" Lead Spacing
V
HCPL4503VM
VDE0884
TV
HCPL4503TVM
VDE0884; 0.4” Lead Spacing
SV
HCPL4503SVM
VDE0884; Surface Mount
SDV
HCPL4503SDVM
VDE0884; Surface Mount; Tape and Reel
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4Two digit year code, e.g., ‘03’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
4503
B
YY
XX
V


유사한 부품 번호 - HCPL4503SVM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL4503SVM FAIRCHILD-HCPL4503SVM Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503SVM FAIRCHILD-HCPL4503SVM Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
More results

유사한 설명 - HCPL4503SVM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com