전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPLA521-155.52M 데이터시트(PDF) 2 Page - Connor-Winfield Corporation

부품명 FPLA521-155.52M
상세설명  SURFACE MOUNT 3.3V LVPECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FPLA521-155.52M 데이터시트(HTML) 2 Page - Connor-Winfield Corporation

  FPLA521-155.52M Datasheet HTML 1Page - Connor-Winfield Corporation FPLA521-155.52M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 581-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Ec162
01
03/01/05
www.conwin.com
SUGGESTED PAD LAYOUT
PIN
CONNECTION
N/C
N/C
N/C
GROUND
N/C
Q OUTPUT
Q OUTPUT
N/C
Vcc
N/C
1
2
3
4
5
6
7
8
9
10
OUTPUT WAVEFORM
“1” LEVEL
“0” LEVEL


유사한 부품 번호 - FPLA521-155.52M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FPLA521 ETC1-FPLA521 Datasheet
61Kb / 2P
   CRYSTAL CONTROLLED OSCILLATORS
More results

유사한 설명 - FPLA521-155.52M

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
FPLD64BEX CONNOR-WINFIELD-FPLD64BEX Datasheet
238Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
EML5443G CONNOR-WINFIELD-EML5443G Datasheet
214Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com