전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPLA544-155.52M 데이터시트(PDF) 1 Page - Connor-Winfield Corporation

부품명 FPLA544-155.52M
상세설명  SURFACE MOUNT 3.3V LVPECL CLOCK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CONNOR-WINFIELD [Connor-Winfield Corporation]
홈페이지  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FPLA544-155.52M 데이터시트(HTML) 1 Page - Connor-Winfield Corporation

  FPLA544-155.52M Datasheet HTML 1Page - Connor-Winfield Corporation FPLA544-155.52M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 581-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
FPLA544 is a fixed frequency,
surface mount Crystal
Controlled Oscillator (XO)
designed for applications
requiring low jitter and a
±20ppm overall stability.
Operating at 3.3V supply
voltage, the FPLA544
provides LVPECL Differential
Outputs with enable/disable
function.
1
2
FPLA544 - 155.52MHz
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
ENABLE/DISABLE
LVPECL DIFFERENTIAL OUTPUTS
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE
±20PPM
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA544
Ec140
01
7/24/03
www.conwin.com
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
44.736
-
200
MHz
Total Frequency Tolerance
-20
20
ppm
1
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
60
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
1
pS RMS
INPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Disable Input Voltage (High)
(Vih)
2.275
-
-
Vdc
2
Enable Input Voltage (Low)
(Vil)
-
-
1.68
Vdc
2
PECL OUTPUT
CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
3
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
4
Rise / Fall Time 20% to 80%
-
-
1
nS
PROCESS
RECOMMENDATIONS
TABLE 6.0
Solder Reflow
The component solder used internal to this device has a melting point of
221
°C. The peak temperature inside the device should be less than or equal
to 220
°C for a maximum of 10 seconds
Wash
Ultrasonic cleaning is not recommended.
Notes
1)
Includes initial tolerance, deviation over temperat ure, supply and load variations, shock, vibration and 10 years
aging.
2)
When the oscillator is disabled, t he true output is in a low state (Vol) and the complementary output is in the high
state (VoH).
3)
Output must be terminated into 50 ohms to Vcc – 2V or Thevenin equivalent.
4)
Duty Cycle measured at 1.977V
PACKAGE CHARACTERISTICS
TABLE 5.0
Package
Non-hermetic package consisting of an FR4 subs trate with grounded metal
cover.


유사한 부품 번호 - FPLA544-155.52M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FPLA544 ETC1-FPLA544 Datasheet
64Kb / 2P
   CRYSTAL CONTROLLED OSCILLATORS
logo
Connor-Winfield Corpora...
FPLA544G CONNOR-WINFIELD-FPLA544G Datasheet
188Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA544G-155.52M CONNOR-WINFIELD-FPLA544G-155.52M Datasheet
188Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results

유사한 설명 - FPLA544-155.52M

제조업체부품명데이터시트상세설명
logo
Connor-Winfield Corpora...
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521 CONNOR-WINFIELD-FPLA521 Datasheet
118Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
   3.3V SURFACE MOUNT LVPECL CLOCK
FPLD64BEX CONNOR-WINFIELD-FPLD64BEX Datasheet
238Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
EML5443G CONNOR-WINFIELD-EML5443G Datasheet
214Kb / 2P
   SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com