전자부품 데이터시트 검색엔진 |
|
Z0110MA 데이터시트(PDF) 7 Page - STMicroelectronics |
|
Z0110MA 데이터시트(HTML) 7 Page - STMicroelectronics |
7 / 8 page Z01 Ordering information scheme Doc ID 7474 Rev 10 7/12 Table 5. Product Selector Order code Voltage Sensitivity Type Package 600 V 800 V Z0103MA X 3 mA Standard TO-92 Z0103MN X 3 mA Standard SOT-223 Z0103NA X 3 mA Standard TO-92 Z0103NN X 3 mA Standard SOT-223 Z0107MA X 5 mA Standard TO-92 Z0107MN X 5 mA Standard SOT-223 Z0107NA X 5 mA Standard TO-92 Z0107NN X 5 mA Standard SOT-223 Z0109MA X 10 mA Standard TO-92 Z0109MN X 10 mA Standard SOT-223 Z0109NA X 10 mA Standard TO-92 Z0109NN X 10 mA Standard SOT-223 Z0110MA X 25 mA Standard TO-92 Z0110MN X 25 mA Standard SOT-223 Z0110NA X 25 mA Standard TO-92 Z0110NN X 25 mA Standard SOT-223 Z0103MUF X 3 mA Standard SMBflat-3L Z0107MUF X 5 mA Standard SMBflat-3L Z0109MUF X 10 mA Standard SMBflat-3L |
유사한 부품 번호 - Z0110MA |
|
유사한 설명 - Z0110MA |