전자부품 데이터시트 검색엔진 |
|
Z0110MA2AL2 데이터시트(PDF) 1 Page - STMicroelectronics |
|
Z0110MA2AL2 데이터시트(HTML) 1 Page - STMicroelectronics |
1 / 8 page December 2010 Doc ID 7474 Rev 10 1/12 12 Z01 Standard 1A Triacs Features ■ On-state rms current, IT(RMS) 1 A ■ Repetitive peak off-state voltage, VDRM/VRRM 600 or 800 V ■ Triggering gate current, IGT (Q1) 3 to 25 mA Description The Z01 series is suitable for general purpose AC switching applications. These devices are typically used in applications such as home appliances (electrovalve, pump, door lock, small lamp control), fan speed controllers,... Different gate current sensitivities are available, allowing optimized performance when driven directly through microcontrollers. A2 A1 G A2 A1 G A1 A2 G A1 A2 G A2 TO-92 Z01xxA SOT-223 Z01xxN SMBflat-3L Z01xxMUF www.st.com |
유사한 부품 번호 - Z0110MA2AL2 |
|
유사한 설명 - Z0110MA2AL2 |