전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4934 데이터시트(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

부품명 1N4934
상세설명  1.0AMP. Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
홈페이지  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4934 데이터시트(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N4934 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4934 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Apr. 2008 Release / Orig
Page 1
Preliminary Data Sheet
1N4933 THRU 1N4937
1.0AMP.
Fast Recovery Rectifiers
VOLTAGE:50 TO 600V
CURRENT:1.0A
Specification Features:
Case: Epoxy, Molded
Weight: 0.4Gram (Approximately)
High current capability, Low leakage current
High surge current capability
Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are
Readily Solderable
Lead And Mounting Surface Temperature For Soldering Purposed:
260℃ Max. For 10 Seconds 1/16 Inch From Case
RoHS Compliant
Cathode Indicated By Polarity Band
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Symbol
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
Units
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum DC Blocking Voltage
VR
50
100
200
400
600
V
Maximum Average Forward Rectifier
Current.
(0.375” Lead Length @ TA=75℃)
IF(AV)
1.0
A
Non-repetitive Peak Forward Surge
Current.
(8.3mS Single Half Sine-wave)
IFSM
30
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
-65 to +150
°C
Thermal Resistance
(Junction to Ambient) (Note 1)
RθJA
65
°C/W
Electrical Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
Units
Reverse Current @VR
IR
5
uA
Forward Voltage @1A
VF
1.2
V
Maximum Reverse Recovery Time
(Note 2)
TRR
200
nS
Total Capacitance
@VR=4V, f=1MHz
CT
15
pF
AXIAL LEAD
DO-41
DEVICE MARKING DIAGRAM
1N49XX: Device Name 1N4933~ 1N4937
KEL
: KEL Logo


유사한 부품 번호 - 1N4934

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
1N4934 MOTOROLA-1N4934 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
1N4934 ETC2-1N4934 Datasheet
200Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Semikron International
1N4934 SEMIKRON-1N4934 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
Dc Components
1N4934 DCCOM-1N4934 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
1N4934 YFWDIODE-1N4934 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
More results

유사한 설명 - 1N4934

제조업체부품명데이터시트상세설명
logo
Chongqing Pingwei Enter...
1N4933 CHONGQING-1N4933_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR101 TGS-FR101 Datasheet
200Kb / 2P
   1.0AMP FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1_16 Datasheet
178Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Cystech Electonics Corp...
CFR10XLB CYSTEKEC-CFR10XLB Datasheet
137Kb / 3P
   1.0Amp. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
FR101 CHONGQING-FR101_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
Tak Cheong Electronics ...
FR101 TAK_CHEONG-FR101 Datasheet
103Kb / 2P
   1.0AMP. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
BA157 CHONGQING-BA157_16 Datasheet
177Kb / 1P
   1.0AMP . FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chongqing Pingwei Enter...
1F1G CHONGQING-1F1G_16 Datasheet
178Kb / 1P
   1.0AMP. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com