전자부품 데이터시트 검색엔진 |
|
1N4752A 데이터시트(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
1N4752A 데이터시트(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 4 page November, 2006 / C Page 1 Li cen s ed b y O N Se mic o nd uc t o r , A tr ad em ar k o f s e mi co nducto r Co m p o n en ts Ind u str i e s , LL C f o r Z e ne r T e c h no l o g y and Pr odu c ts . TAK CHEONG ® 1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators Maximum Ratings Rating Symbol Value Units Maximum Steady State Power Dissipation @TL≤50℃, Lead Length = 3/8” Derate Above 50℃ PD 1 6.67 W mW/℃ Operating and Storage Temperature Range TJ, Tstg -65 to +200 °C Specification Features: Zener Voltage Range = 3.3V to 100V ESD Rating of Class 3 (>6 KV) per Human Body Model DO-41 Package (DO-204AL) Double Slug Type Construction Metallurgical Bonded Construction Oxide Passivated Die RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish Specification Features: Case : Double slug type, hermetically sealed glass Finish : All external surfaces are corrosion resistant and leads are readily solderable Polarity : Cathode indicated by polarity band Mounting: Any Cathode Anode L = Logo 1N47xxA = Device Code L 1N 47 xx A |
유사한 부품 번호 - 1N4752A |
|
유사한 설명 - 1N4752A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |